Electronic Components Datasheet Search
  English  ▼

X  

2SC5820 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC5820
Description  Silicon NPN Epitaxial High Frequency Low Noise Amplifier / Oscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5820 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SC5820 Datasheet HTML 3Page - Renesas Technology Corp 2SC5820 Datasheet HTML 4Page - Renesas Technology Corp 2SC5820 Datasheet HTML 5Page - Renesas Technology Corp 2SC5820 Datasheet HTML 6Page - Renesas Technology Corp 2SC5820 Datasheet HTML 7Page - Renesas Technology Corp 2SC5820 Datasheet HTML 8Page - Renesas Technology Corp 2SC5820 Datasheet HTML 9Page - Renesas Technology Corp 2SC5820 Datasheet HTML 10Page - Renesas Technology Corp 2SC5820 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
2SC5820
Rev.2.00 Aug 10, 2005 page 7 of 10
(VCE = 2 V, IC = 10 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.717
-17.3
25.92
167.8
0.0073
84.9
0.967
-8.4
200
0.712
-34.2
24.87
156.2
0.0137
81.4
0.941
-17.1
300
0.699
-50.1
23.25
145.5
0.0205
73.7
0.896
-25.1
400
0.667
-65.5
21.32
136.0
0.0266
66.0
0.833
-32.8
500
0.635
-78.9
19.27
127.6
0.0319
62.0
0.766
-39.1
600
0.600
-91.5
17.37
120.5
0.0349
56.4
0.694
-44.3
700
0.572
-102.0
15.73
115.1
0.0403
52.7
0.632
-48.6
800
0.553
-112.1
14.26
109.6
0.0402
51.2
0.574
-51.7
900
0.533
-120.1
12.97
105.3
0.0445
46.0
0.525
-54.8
1000
0.522
-127.4
11.90
101.6
0.0472
47.2
0.484
-56.2
1100
0.515
-133.7
10.90
98.1
0.0476
43.4
0.446
-58.4
1200
0.499
-140.9
10.16
95.3
0.0477
44.4
0.410
-59.4
1300
0.492
-146.8
9.46
92.2
0.0505
43.3
0.381
-61.0
1400
0.490
-152.1
8.84
89.6
0.0509
43.8
0.357
-61.9
1500
0.484
-156.6
8.27
87.4
0.0520
39.7
0.335
-62.9
1600
0.484
-161.3
7.79
84.8
0.0533
41.0
0.316
-63.4
1700
0.482
-165.3
7.38
82.8
0.0540
41.4
0.295
-64.0
1800
0.481
-169.8
6.99
80.7
0.0548
40.0
0.277
-65.0
1900
0.481
-173.1
6.63
78.7
0.0578
41.6
0.265
-65.1
2000
0.481
-176.4
6.33
76.9
0.0601
39.9
0.252
-66.1
2100
0.483
179.9
6.02
74.8
0.0603
42.3
0.238
-66.1
2200
0.484
177.3
5.75
73.4
0.0610
39.9
0.232
-66.9
2300
0.488
174.4
5.52
71.4
0.0641
39.3
0.219
-67.2
2400
0.489
171.8
5.29
69.6
0.0646
39.5
0.209
-67.7
2500
0.491
169.0
5.10
67.8
0.0664
40.2
0.197
-68.0
2600
0.495
166.5
4.89
66.2
0.0678
39.7
0.194
-69.7
2700
0.501
164.3
4.73
64.6
0.0693
40.4
0.185
-71.0
2800
0.503
161.9
4.55
63.2
0.0705
40.2
0.181
-71.9
2900
0.508
159.6
4.39
61.4
0.0715
39.5
0.170
-72.9
3000
0.510
157.3
4.27
59.6
0.0717
37.3
0.162
-74.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com