Electronic Components Datasheet Search
  English  ▼

X  

XD9268 Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XD9268
Description  36V Operation 600mA Synchronous Step-Down DC/DC Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XD9268 Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XD9268 Datasheet HTML 2Page - Torex Semiconductor XD9268 Datasheet HTML 3Page - Torex Semiconductor XD9268 Datasheet HTML 4Page - Torex Semiconductor XD9268 Datasheet HTML 5Page - Torex Semiconductor XD9268 Datasheet HTML 6Page - Torex Semiconductor XD9268 Datasheet HTML 7Page - Torex Semiconductor XD9268 Datasheet HTML 8Page - Torex Semiconductor XD9268 Datasheet HTML 9Page - Torex Semiconductor XD9268 Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6/26
XD9267/XD9268 Series
■ELECTRICAL CHARACTERISTICS
XD9267/XD9268 Series
Ta=25℃
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CIRCUIT
FB Voltage
VFBE
VFB=0.731V→0.769V,
VFB Voltage when Lx pin voltage changes
from"H" level to "L" level
0.739
0.750
0.761
V
②
-40℃≦Ta≦105℃
0.731
-
0.769
Setting Output
Voltage Range (*1)
VOUTSET
-
1
-
25
V
-
Operating Input
Voltage Range (*1)
VIN
-
3
-
36
V
-
UVLO Detect Voltage
VUVLOD
VEN/SS=12V,VIN:2.87V→2.53V,VFB=0V
VIN Voltage which Lx pin voltage holding
"H" level
2.6
2.7
2.8
V
②
-40℃≦Ta≦105℃
2.53
-
2.87
UVLO Release Voltage
VUVLOR
VEN/SS=12V,VIN:2.63V→2.97V,VFB=0V
VIN Voltage which Lx pin voltage holding
"L" level
2.7
2.8
2.9
V
②
-40℃≦Ta≦105℃
2.63
-
2.97
Quiescent Current
Iq
VFB=0.825V
XD9267
-
290
500
μA
④
-40℃≦Ta≦105℃
-
-
550
XD9268
-
13.5
22.0
-40℃≦Ta≦105℃
-
-
30
Stand-by Current
ISTBY
VIN=12V, VEN/SS=VFB=0V
-
1.65
2.50
μA
④
-40℃≦Ta≦105℃
-
-
3.90
Oscillation Frequency
fOSC
Connected to external components,
IOUT=200mA
2.013
2.200
2.387
MHz
①
-40℃≦Ta≦105℃
1.936
-
2.464
Minimum On Time
tONMIN
Connected to external components
-
85 (*2)
-
ns
①
Minimum Duty Cycle
DMIN
VFB=0.825V
-40℃≦Ta≦105℃
-
-
0
%
②
Maximum Duty Cycle
DMAX
VFB=0.675V
-40℃≦Ta≦105℃
100
-
-
%
②
Lx SW "H" On
Resistance
RLxH
VFB=0.675V, ILx=200mA
-
1.20
1.38
Ω
⑤
Lx SW "L" On
Resistance
RLxL
-
-
0.60
(*2)
-
Ω
⑤
High side Current Limit (*3)
ILIMH
VFB=VFBE×0.98
1.00
1.30
-
A
⑤
Internal Soft-Start Time
tSS1
VFB=0.675V
1.0
2.0
4.0
ms
②
External Soft-Start Time
tSS2
VFB=0.675V
RSS
=430KΩ, CSS=0.47μF
21
26
33
ms
③
Test Condition: Unless otherwise stated, VIN=12V, VEN/SS=12V, VPG=OPEN(*4)
Peripheral parts connection conditions:L=3.3
μH,RFB1=680kΩ,RFB2=120kΩ,CFB=12pF,CL=10μF×2,CIN=2.2μF
(*1) Please use within the range of VOUT/VIN≧tONMIN[ns]×fOSC[MHz]×10-3
(*2)Design reference value. This parameter is provided only for reference.
(*3)Current limit denotes the level of detection at peak of coil current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com