Electronic Components Datasheet Search
  English  ▼

X  

XD9268 Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XD9268
Description  36V Operation 600mA Synchronous Step-Down DC/DC Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XD9268 Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XD9268 Datasheet HTML 3Page - Torex Semiconductor XD9268 Datasheet HTML 4Page - Torex Semiconductor XD9268 Datasheet HTML 5Page - Torex Semiconductor XD9268 Datasheet HTML 6Page - Torex Semiconductor XD9268 Datasheet HTML 7Page - Torex Semiconductor XD9268 Datasheet HTML 8Page - Torex Semiconductor XD9268 Datasheet HTML 9Page - Torex Semiconductor XD9268 Datasheet HTML 10Page - Torex Semiconductor XD9268 Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7/26
XD9267/XD9268
Series
■ELECTRICAL CHARACTERISTICS
XD9267/XD9268 Series
Ta=25℃
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CIRCUIT
PG detect voltage (*4)
VPGDET
VFB=0.72V→0.63V, RPG
:100kΩ pull-up
to 5V
VFB Voltage when PG pin voltage
changes from"H" level to "L" level
0.638
0.675
0.712
V
⑤
-40℃≦Ta≦105℃
0.630
-
0.720
PG Output voltage (*4)
VPG
VFB=0.6V,
IPG=1mA
-40℃≦Ta≦105℃
-
-
0.3
V
①
PFM Switch Current
IPFM
Connected to external components,
VIN=VEN/SS=12V、IOUT=1mA
-
400
-
mA
①
Efficiency (*5)
EFFI
Connected to external components,
VIN=12V, VOUT=5V, IOUT=300mA
-
88
-
%
①
FB Voltage
Temperature
Characteristics
ΔVFB/
(ΔTopr・VFBE)
-40℃≦Topr≦105℃
-
±100
-
ppm/℃
①
FB "H" Current
IFBH
VIN=VEN/SS=36V,
VFB=3.0V
-40℃≦Ta≦105℃
-0.1
-
0.1
μA
①
FB "L" Current
IFBL
VIN=VEN/SS=36V,
VFB=0V
-40℃≦Ta≦105℃
-0.1
-
0.1
μA
④
EN/SS "H" Voltage
VEN/SSH
VEN/SS=0.3V→2.5V, VFB=0.71V
VEN/SS Voltage when Lx pin voltage
changes from "L" level to "H" level
2.5
-
36
V
①
-40℃≦Ta≦105℃
EN/SS "L" Voltage
VEN/SSL
VEN/SS=2.5V→0.3V, VFB=0.71V
VEN/SS Voltage when Lx pin voltage
changes from "H" level to "L" level
-
-
0.3
V
①
-40℃≦Ta≦105℃
EN/SS "H" Current
IEN/SSH
VIN=VEN/SS=36V,
VFB=0.825V
-40℃≦Ta≦105℃
-
0.1
0.3
μA
④
EN/SS "L" Current
IEN/SSL
VIN=36V,
VEN/SS=0V,
VFB=0.825V
-40℃≦Ta≦105℃
-0.1
-
0.1
μA
①
Thermal Shutdown
Temperature
TTSD
Junction Temperature
-
150
-
℃
-
Hysteresis Width
THYS
Junction Temperature
-
25
-
℃
-
Test Condition: Unless otherwise stated, VIN=12V, VEN/SS=12V, VPG=OPEN(*4)
Peripheral parts connection conditions:L=3.3
μH,RFB1=680kΩ,RFB2=120kΩ,CFB=12pF,CL=10μF×2,CIN=2.2μF
(*4) For the USP-6C Package only.
(*5) EFFI = {(output voltage) x (output current)} / {(input voltage) x (input current)} x 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com