Electronic Components Datasheet Search
  English  ▼

X  

XD9268 Datasheet(PDF) 18 Page - Torex Semiconductor

Part # XD9268
Description  36V Operation 600mA Synchronous Step-Down DC/DC Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XD9268 Datasheet(HTML) 18 Page - Torex Semiconductor

Back Button XD9268 Datasheet HTML 14Page - Torex Semiconductor XD9268 Datasheet HTML 15Page - Torex Semiconductor XD9268 Datasheet HTML 16Page - Torex Semiconductor XD9268 Datasheet HTML 17Page - Torex Semiconductor XD9268 Datasheet HTML 18Page - Torex Semiconductor XD9268 Datasheet HTML 19Page - Torex Semiconductor XD9268 Datasheet HTML 20Page - Torex Semiconductor XD9268 Datasheet HTML 21Page - Torex Semiconductor XD9268 Datasheet HTML 22Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
18/26
XD9267/XD9268 Series
■TYPICAL PERFORMANCE CHARACTERISTICS
(1) Efficiency vs. Output current
(2) Output Voltage vs. Output Current
(3) Ripple Voltage vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current :IOUT[mA]
XD926xB75Dxx
(VIN=12V, VOUT=3.3V)
XD9267B75D
XD9268B75D
L=2.2
μH(CLF5030NIT-2R2N),
CIN=2.2
μF
×2(CGA4J3X7R1H225K125AB)
CL=10
μF×2 (CGA5L1X7R1C106K160AC)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current :IOUT[mA]
XD926xB75Dxx
(VIN=12V, VOUT=5V)
XD9267B75D
XD9268B75D
L=3.3
μH(CLF5030NIT-3R3N),
CIN=2.2
μF
×2(CGA4J3X7R1H225K125AB)
CL=10
μF
×2 (CGA5L1X7R1C106K160AC)
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
1
10
100
1000
Output Current :IOUT[mA]
XD926xB75Dxx
(VIN=12V, VOUT=3.3V)
XD926 7B75D
XD926 8B75D
L=2.2
μH(CLF5030NIT-2R2N),
CIN=2.2
μF
×2(CGA4J3X7R1H225K125AB)
CL=10
μF×2 (CGA5L1X7R1C106K160AC)
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
1
10
100
1000
Output Current :IOUT[mA]
XD926xB75Dxx
(VIN=12V, VOUT=5V)
XD926 3x7 5D
XD926 8B75D
L=3.3
μH(CLF5030NIT-3R3N),
CIN=2.2
μF
×2(CGA4J3X7R1H225K125AB)
CL=10
μF
×2 (CGA5L1X7R1C106K160AC)
0
5
10
15
20
25
30
35
40
45
50
0.1
1
10
100
1000
Output Current :IOUT[mA]
XD926xB75Dxx
(VIN=12V, VOUT=5V)
XD926 8B75D
XD926 7B75D
L=3.3
μH(CLF5030NIT-3R3N),
CIN=2.2
μF
×2(CGA4J3X7R1H225K125AB)
CL=10
μF
×2 (CGA5L1X7R1C106K160AC)
0.74
0.75
0.75
0.76
0.76
-50
-25
0
25
50
75
100
125
Ambient Temperature :Ta[℃]
XD926xB75Dxx
VIN=12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com