Electronic Components Datasheet Search
  English  ▼

X  

XD9268 Datasheet(PDF) 16 Page - Torex Semiconductor

Part # XD9268
Description  36V Operation 600mA Synchronous Step-Down DC/DC Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XD9268 Datasheet(HTML) 16 Page - Torex Semiconductor

Back Button XD9268 Datasheet HTML 12Page - Torex Semiconductor XD9268 Datasheet HTML 13Page - Torex Semiconductor XD9268 Datasheet HTML 14Page - Torex Semiconductor XD9268 Datasheet HTML 15Page - Torex Semiconductor XD9268 Datasheet HTML 16Page - Torex Semiconductor XD9268 Datasheet HTML 17Page - Torex Semiconductor XD9268 Datasheet HTML 18Page - Torex Semiconductor XD9268 Datasheet HTML 19Page - Torex Semiconductor XD9268 Datasheet HTML 20Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
16/26
XD9267/XD9268 Series
■NOTES ON USE (Continued)
6)
Even in the PWM control, the intermittent operation occurs and the ripple voltage becomes higher, when the minimum On
Time is faster than 85ns (typ.) as well as the dropout voltage is large and output current is small.
7)
The ripple voltage could be increased when switching from discontinuous conduction mode to continuous conduction mode
and at switching to 100% Duty cycle. Please evaluate IC well on customer’s PCB.
8)
The PWM/PFM auto series may cause superimposed ripple voltage by continuous pulses if used in high temperature and no
load conditions. It is necessary to set an idle current of higher than 100μA from VOUT if used at no load.
It can have the same effect as when RFB2
is lower than 7.5kΩ. Please refer to the
< Output Voltage Setting Value VOUTSET Setting > section under TYPICAL APPLICATION CIRCUIT.
9)
If the voltage at the EN/SS Pin does not start from 0V but it is at the midpoint potential when the power is switched on, the
soft start function may not work properly and it may cause the larger inrush current and bigger ripple voltages.
10) Torex places an importance on improving our products and their reliability. We request that users incorporate fail-safe designs
and post-aging protection treatment when using Torex products in their systems.
11)
Instructions of pattern layouts
The operation may become unstable due to noise and/or phase lag from the output current when the wire impedance is
high, please place the input capacitor(CIN) and the output capacitor (CL) as close to the IC as possible.
(1) In order to stabilize VIN voltage level, we recommend that a by-pass capacitor (CIN) be connected as close as possible
to the VIN and GND pins.
(2) Please mount each external component as close to the IC as possible.
Please place the external parts on the same side of the PCB as the IC, not on the reverse side of the PCB and elsewhere.
(3) Wire external components as close to the IC as possible and use thick, short connecting traces to reduce the circuit
Impedance.
(4) Make sure that the GND traces are as thick as possible, as variations in ground potential caused
by high ground currents at the time of switching may result in instability of the IC.
(5) Please note that internal driver transistors bring on heat because of the load current and ON resistance
of High side driver transistor, Low side driver transistor. Please make sure that the heat is dissipated properly,
especially at higher temperatures.
Lx
PG
FB
GN D
VIN
EN/SS
CL1
L
RFB1
RFB2
CFB
RPG
(a)TVS
(1)C
IN1
(c)Reverse-Touching
Prot ection Diode
(b)SBD
C
IN2
CL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com