Electronic Components Datasheet Search
  English  ▼

X  

XDL604 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XDL604
Description  18V Operation 500mA Inductor Built-in Step-down ?쐌icro DC/DC??Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XDL604 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XDL604 Datasheet HTML 9Page - Torex Semiconductor XDL604 Datasheet HTML 10Page - Torex Semiconductor XDL604 Datasheet HTML 11Page - Torex Semiconductor XDL604 Datasheet HTML 12Page - Torex Semiconductor XDL604 Datasheet HTML 13Page - Torex Semiconductor XDL604 Datasheet HTML 14Page - Torex Semiconductor XDL604 Datasheet HTML 15Page - Torex Semiconductor XDL604 Datasheet HTML 16Page - Torex Semiconductor XDL604 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13/28
XDL603/XDL604
Series
■
OPERATIONAL EXPLANATION (Continued)
< Normal Operation >
The standard voltage Vref and FB pin voltage are compared using an error amplifier and then the control signal to which phase
compensation has been added to the error amplifier output is input to the PWM comparator. The PWM comparator compares the
above control signal and lamp wave to control the duty width during PWM control. Continuously conducting these controls
stabilizes the output voltage.
In addition, the current detecting circuit monitors the driver FET current for each switching and modulates the error amplifier
output signal into a multiple feedback signal (current feedback circuit). This achieves stable feedback control even when low ESR
capacitors, such as ceramic capacitors, are used to stabilize the output voltage.
XDL603 Series
The XDL603 Series (PWM control) performs switching at a set switching frequency fOSC regardless of the output current. At light
loads the on time is short and the circuit operates in discontinuous mode, and as the output current increases, the on time becomes
longer and the circuit operates in continuous mode.
XDL603 series: Example of light load operation
XDL603 series: Example of heavy load operation
XDL604 Series
The XDL604 Series (PWM control) performs switching at a set switching frequency fOSC regardless of the output current. At light
loads the on time is short and the circuit operates in discontinuous mode, and as the output current increases, the on time becomes
longer and the circuit operates in continuous mode.
XDL604 series: Example of light load operation
XDL604 series: Example of heavy load operation
< 100% Duty Cycle Mode >
When the dropout voltage is low or there is a transient response, the circuit might change to the 100% Duty cycle mode where
the High side driver FET is continuously on.
The 100% Duty cycle mode operation makes it possible to maintain the output current even when the dropout voltage is low
such as when the input voltage declines due to cranking, etc.
fOSC
0mA
Coil
Current
Lx
0V
IOUT
tON
fOSC
0mA
Coil
Current
Lx
0V
IOUT
tON
0mA
IPFM
Coil
Current
Lx
0V
IOUT
tON
fOSC
0mA
Coil
Current
Lx
0V
IOUT
tON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com