Electronic Components Datasheet Search
  English  ▼

X  

XDL604 Datasheet(PDF) 24 Page - Torex Semiconductor

Part # XDL604
Description  18V Operation 500mA Inductor Built-in Step-down ?쐌icro DC/DC??Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XDL604 Datasheet(HTML) 24 Page - Torex Semiconductor

Back Button XDL604 Datasheet HTML 20Page - Torex Semiconductor XDL604 Datasheet HTML 21Page - Torex Semiconductor XDL604 Datasheet HTML 22Page - Torex Semiconductor XDL604 Datasheet HTML 23Page - Torex Semiconductor XDL604 Datasheet HTML 24Page - Torex Semiconductor XDL604 Datasheet HTML 25Page - Torex Semiconductor XDL604 Datasheet HTML 26Page - Torex Semiconductor XDL604 Datasheet HTML 27Page - Torex Semiconductor XDL604 Datasheet HTML 28Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24/28
XDL603/XDL604 Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(15) EN/SS Voltage vs. Ambient Temperature
(16) VIN-VOUT Operation Area
(17) Output Current Operation Area
0.0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
100
125
Ambient Temperature :Ta[℃]
XDL603x75D/XDL604x75D
EN/SS "H"
EN/SS "L"
VIN=12V
2
4
6
8
10
12
14
16
18
20
1
2
3
4
5
6
Output Voltage:VOUT[V]
XDL603/XDL604
Operation
Area
0
100
200
300
400
500
600
-40 -20
0
20 40 60 80 100 120
Ambient Temperature :Ta[℃]
XDL603/XDL604 (VOUT=5V)
θja=46℃/W
Operation
Area
0
100
200
300
400
500
600
-40 -20
0
20 40 60 80 100 120
Ambient Temperature :Ta[℃]
XDL603/XDL604 (VOUT=3.3V)
θja=46℃/W
Operation
Area
VIN=12V
VIN=12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com