Electronic Components Datasheet Search
  English  ▼

X  

XDL604 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XDL604
Description  18V Operation 500mA Inductor Built-in Step-down ?쐌icro DC/DC??Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XDL604 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XDL604 Datasheet HTML 17Page - Torex Semiconductor XDL604 Datasheet HTML 18Page - Torex Semiconductor XDL604 Datasheet HTML 19Page - Torex Semiconductor XDL604 Datasheet HTML 20Page - Torex Semiconductor XDL604 Datasheet HTML 21Page - Torex Semiconductor XDL604 Datasheet HTML 22Page - Torex Semiconductor XDL604 Datasheet HTML 23Page - Torex Semiconductor XDL604 Datasheet HTML 24Page - Torex Semiconductor XDL604 Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21/28
XDL603/XDL604
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS
(1) Efficiency vs. Output current
(2) Output Voltage vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current :IOUT[mA]
XDL603x75D/XDL604x75D
(VIN=12V, VOUT=3.3V)
XDL603 x75D
XDL604 x75D
CIN=2.2μF(CGA4J3X7R1E225K125AB),
CL=10μF×2 (CGA5L1X7R1C106K160AC)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current :IOUT[mA]
XDL603x75D/XDL604x75D
(VIN=12V, VOUT=5V)
XDL603 x75D
XDL604 x75D
CIN=2.2μF(CGA4J3X7R1E225K125AB),
CL=10μF×2 (CGA5L1X7R1C106K160AC)
3.0
3.1
3.2
3.3
3.4
3.5
3.6
0.1
1
10
100
Output Current :IOUT[mA]
XDL603x75D/XDL604x75D
(VIN=12V, VOUT=3.3V)
XDL603 x75D
XDL604 x75D
CIN=2.2μF(CGA4J3X7R1E225K125AB),
CL=10μF×2 (CGA5L1X7R1C106K160AC)
4.7
4.8
4.9
5.0
5.1
5.2
5.3
0.1
1
10
100
Output Current :IOUT[mA]
XDL603x75D/XDL604x75D
(VIN=12V, VOUT=5V)
XDL603 x75D
XDL604 x75D
CIN=2.2μF(CGA4J3X7R1E225K125AB),
CL=10μF×2 (CGA5L1X7R1C106K160AC)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current :IOUT[mA]
XDL603x75D/XDL604x75D
(VIN=8V, VOUT=3.3V)
XDL603 x75D
XDL604 x75D
CIN=2.2μF(CGA4J3X7R1E225K125AB),
CL=10μF×2 (CGA5L1X7R1C106K160AC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com