Electronic Components Datasheet Search
  English  ▼

X  

LTC4366 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC4366
Description  Low Quiescent Current Surge Stopper with 9m廓 MOSFET
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC4366 Datasheet HTML 2Page - Analog Devices LTC4366 Datasheet HTML 3Page - Analog Devices LTC4366 Datasheet HTML 4Page - Analog Devices LTC4366 Datasheet HTML 5Page - Analog Devices LTC4366 Datasheet HTML 6Page - Analog Devices LTC4366 Datasheet HTML 7Page - Analog Devices LTC4366 Datasheet HTML 8Page - Analog Devices LTC4366 Datasheet HTML 9Page - Analog Devices LTC4366 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC4381
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
VSRC vs Temperature
TMR Pin Current vs Temperature,
Overcurrent Fault
TMR Pin Current vs Temperature,
Overvoltage Fault
Current Limit vs Output Voltage
DRN Voltage vs Current
ON Pin Current vs Voltage
Gate Drive vs Pull-Up Current
Gate Drive vs Temperature
Gate Drive vs Supply Voltage
VCC = 12V, unless otherwise noted.
VCC = 12V
VCC = 4V
IGATE (µA)
0
–5
–10
–15
–20
–25
0
2
4
6
8
10
12
14
4381 G10
VCC = 24V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
31
32
33
34
35
36
37
38
SRC
4381 G13
IDRN = 1mA
∆VSNS = 40mV
∆VSNS = 10mV
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
–20
–40
–60
–80
–100
–120
–140
–160
4381 G16
IGATE = –1µA
VCC = 4V
VCC = 12V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
5
10
15
4381 G11
IDRN = 0.1mA
OUT = 0V
OUT = 6V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
–20
–25
–30
–35
–40
–45
–50
–55
–60
4381 G14
∆VDRN = VDRN – VOUT
IDRN (µA)
1
10
100
1k
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4381 G17
IGATE = –1µA
SEL = VCC
VCC (V)
0
10
20
30
0
5
10
15
4381 G12
IDRN = 1mA
∆VSNS = 40mV
∆VSNS = 10mV
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
–20
–40
–60
–80
–100
–120
–140
–160
4381 G15
VON (V)
0
1
2
3
4
5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
4381 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com