Electronic Components Datasheet Search
  English  ▼

X  

LTC4366 Datasheet(PDF) 18 Page - Analog Devices

Part # LTC4366
Description  Low Quiescent Current Surge Stopper with 9m廓 MOSFET
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC4366 Datasheet HTML 14Page - Analog Devices LTC4366 Datasheet HTML 15Page - Analog Devices LTC4366 Datasheet HTML 16Page - Analog Devices LTC4366 Datasheet HTML 17Page - Analog Devices LTC4366 Datasheet HTML 18Page - Analog Devices LTC4366 Datasheet HTML 19Page - Analog Devices LTC4366 Datasheet HTML 20Page - Analog Devices LTC4366 Datasheet HTML 21Page - Analog Devices LTC4366 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC4381
18
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
when VIN is minimum and load current is at its maximum
when the input transient occur (Equation 18).
P t = ILOAD • VDS • t
P t = (1A) • (100V – 10V) • 2ms
P t = 4.02W s
(18)
Next calculate the sense resistor (RSNS) value with a
current limit of greater than 1A with 10% tolerance
(Equation 19).
RSNS =
45mV
1.1• 1A
= 40.9mΩ
(19)
We will use 40mΩ, which gives a current limit of 1.25A.
Next we select CTMR to shut off the MOSFET if the 100V
transient is longer than 2ms at maximum load of 1A
(Equation 20).
ITMR = 0.0917
A
V
⎡
⎣
⎢
⎤
⎦
⎥  •  ID •RSNS •
VDS
RDRN
−70 µA
[ ]
⎛
⎝
⎜
⎞
⎠
⎟
ITMR = 0.0917
A
V
⎡
⎣
⎢
⎤
⎦
⎥  • 1A •0.04Ω•
100V –10V
82.5k
−70 µA
[ ]
⎛
⎝
⎜
⎞
⎠
⎟
= 117.2µA
(20)
Next the value is calculated using Equation 21 to achieve
a fault time of greater than 2ms:
CTMR = ITMR(UP) •
tTMR
VTMR
CTMR = 0.193µF
(21)
So we choose a CTMR = of 0.22μF. Next, we need to make
sure that the chosen CTMR allow enough time to power up
the output (Equation 22).
CTMR =
ITMR(UP) • tINRUSH
VTMR
(22)
where (Equation 23).
tINRUSH =
VIN • COUT
IINRUSH
=
VIN • C2
IGATE(UP)
=
14V • 47nF
20µA
= 32.9ms
ITMR(UP) ≈ 1.5µA at power up:
VTMR = 1.5µA •
32.9ms
0.22µF
≈ 0.224V,
(23)
which is much lower than the 1.215V trip off threshold.
Next, we need to check to make sure that in the case of
a severe output short where VOUT = 0V, the power dis-
sipation in the MOSFET is also within the safe operating
area (Equation 24).
tOC = 0.22µF •
1.215V
80.8µA
= 3.31ms
(24)
The power dissipation in the MOSFET is given by
Equation 25.
P = 14V •
62mV
40mΩ
= 21.7W
P t
= 1.248W s
(25)
During an output overload or soft short, the voltage at the
OUT pin could stay at 3V or higher. The total overcurrent
fault time when VOUT = 3V is given by Equation 26.
tOC = 0.22µF •
1.215V
42.5µA
= 6.29ms
(26)
The power dissipation in the MOSFET is given by
Equation 27.
P = (14V – 3V) •
50mV
40mΩ
= 13.75W
P t = 1.09W s
(27)
These conditions are within the 10W√s safe operating
area of the MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com