Electronic Components Datasheet Search
  English  ▼

X  

LTC4366 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC4366
Description  Low Quiescent Current Surge Stopper with 9m廓 MOSFET
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC4366 Datasheet HTML 6Page - Analog Devices LTC4366 Datasheet HTML 7Page - Analog Devices LTC4366 Datasheet HTML 8Page - Analog Devices LTC4366 Datasheet HTML 9Page - Analog Devices LTC4366 Datasheet HTML 10Page - Analog Devices LTC4366 Datasheet HTML 11Page - Analog Devices LTC4366 Datasheet HTML 12Page - Analog Devices LTC4366 Datasheet HTML 13Page - Analog Devices LTC4366 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC4381
10
Rev. 0
For more information www.analog.com
OPERATION
The LTC4381 is a low quiescent current surge stopper that
drives an internal 9mΩ N-channel MOSFET as the pass
device. In normal operation, a 20µA charge pump (see
Block Diagram) drives MOSFET M1 fully on, providing a
low impedance path from input to the load. The MOSFET
gate is clamped to ground by a Zener stack. If the input
voltage rises to the point where the output approaches
the gate clamp, the output is effectively limited to one
threshold voltage (typically 3V) below the gate clamp and
the input surge is blocked from reaching the load.
For the LTC4381-1 and LTC4381-2 versions, two output
clamping voltages to ground are available: 28.5V for use
in 12V systems, and 47V for use in 24V and 28V sys-
tems. The clamping voltage is selectable using the SEL
pin. Besides the output to ground clamp, the output is
also limited to 10.5V above the VCC pin.
There is no GATE clamp to ground for the LTC4381-3
and LTC4381-4 versions and the output is only limited
to 10.5V above the voltage at the VCC pin. A Zener diode
clamp connected from the VCC pin to ground thus clamps
the voltages at both the VCC and SRC pins during over-
voltage events.
Load current is limited by a current limit amplifier (IA),
using a sense resistor in series with the MOSFET source
to monitor the current. The current limit threshold is
50mV, rising to 62mV when the output is less than 1.5V.
MOSFET stress is monitored by a timer, whose current is a
function of MOSFET’s VDS as well as ID. VDS is monitored
by RDRN at the DRN pin, while ID is monitored by sens-
ing the voltage drop across RSNS. The timer allows the
load to continue functioning during short transient events
while protecting the MOSFET from being damaged by a
sustained overvoltage, such as load dump in vehicles, or
an output overload or short circuit.
A multiplier sets the timer period depending on the power
dissipation in the MOSFET. Higher power dissipation cor-
responds to a shorter timer period, helping to keep the
MOSFET within its safe operating area (SOA).
The timer responds to stresses at start-up and during
voltage and current limiting. TMR pin current is integrated
on timing capacitor CTMR and if TMR charges to 1.215V,
the MOSFET is turned off. At this point, the LTC4381-1
and LTC4381-3 latch off, and can be reset by cycling
power or by pulling the ON pin low for at least 100µs.
For the LTC4381-2 and LTC4381-4, the TMR pin enters a
cool down phase, allowing time for the MOSFET tempera-
ture to equalize with its surroundings before automatically
restarting. The TMR pin slowly charges up and down in
between 3.4V and 1.215V for 15 times and discharges to
ground at the last cycle. When the TMR pin has reached
the 100mV threshold, the MOSFET is turned back on. The
cool down interval can be curtailed by pulling the ON pin
low for at least 10ms/µF of CTMR.
In addition to resetting the timer, the ON pin is used for
on/off control and for undervoltage detection. The ON pin
threshold is 1.05V.
The open drain FLT pin pulls low whenever the timer is
faulted off and goes high again when reset by a power
cycle, by pulling the ON pin low for at least 100µs or in
the case of the LTC4381-2 and LTC4381-4, when the TMR
pin discharges to 100mV.
Table 1. LTC4381 Options
PART NUMBER
OUTPUT CLAMP
FAULT BEHAVIOR
LTC4381-1
Internal 28.5V/47V to GND
Latchoff
LTC4381-2
Internal 28.5V/47V to GND
Auto Retry
LTC4381-3
Externally Adjustable
Latchoff
LTC4381-4
Externally Adjustable
Auto Retry
Contact ADI Sales for LTC4381-1/LTC4381-3 option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com