Electronic Components Datasheet Search
  English  ▼

X  

LTC4366 Datasheet(PDF) 15 Page - Analog Devices

Part # LTC4366
Description  Low Quiescent Current Surge Stopper with 9m廓 MOSFET
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC4366 Datasheet HTML 11Page - Analog Devices LTC4366 Datasheet HTML 12Page - Analog Devices LTC4366 Datasheet HTML 13Page - Analog Devices LTC4366 Datasheet HTML 14Page - Analog Devices LTC4366 Datasheet HTML 15Page - Analog Devices LTC4366 Datasheet HTML 16Page - Analog Devices LTC4366 Datasheet HTML 17Page - Analog Devices LTC4366 Datasheet HTML 18Page - Analog Devices LTC4366 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTC4381
15
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Calculating Transient Stress
P√t for a prototypical transient waveform is calculated
using Equation 9 and Figure 3.
Let
a = VREG – VIN
b = VPK – VIN
(VIN = Nominal Input Voltage)
Then
P t
= ILOAD •
1
3
tr
b – a
(
)3
b
+
1
2
τ 2a2ln
b
a
+ 3a2 + b2 – 4ab
⎛
⎝⎜
⎞
⎠⎟
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥
(9)
For the transient conditions of VPK = 100V, VIN = 12V,
VREG = 28.5V, tr = 10µs, τ = 1ms, and a load current of
1A, P√t is 1.4W√s which can be handled by the MOSFET.
The P√t of other transient waveshapes is evaluated by
integrating the MOSFET power over root of time. LTspice®
can be used to simulate timer behavior for more complex
transients and cases where overvoltage and overcurrent
faults coexist, as well as the peak temperature rise of
the MOSFET.
Calculating Short-Circuit Stress
SOA stress must also be calculated for a short-circuit
condition. Short-circuit P√t is given by Equation 10.
P t
= ΔVDS •
ΔVSNS
RSNS
⎛
⎝⎜
⎞
⎠⎟
• tTMR
(10)
where ∆VDS is the voltage across the MOSFET, ∆VSNS is
the current limit threshold and tTMR is the overcurrent
timer interval, given by Equation 5 and Equation 6.
For VIN = 15V, ∆VDS = 12V (VOUT = 3V), ∆VSNS = 50mV,
RSNS = 12mΩ, RDRN = 100kΩ and CTMR = 68nF, P√t is
4.95W√s – somewhat higher than the transient SOA cal-
culated in the previous example.
Figure 4. Automotive Cold Crank Ride Through
Limiting Inrush Current and GATE Pin Compensation
The LTC4381 limits the inrush current to any load capac-
itance by controlling the GATE pin voltage slew rate.
Connect an external capacitor, C2, from GATE to ground
to reduce the inrush current at the expense of slower
turn-off time. The gate capacitor is set using Equation 11.
C2
= IGATE(UP) •
COUT
IINRUSH
(11)
The LTC4381 needs a minimum of 47nF capacitance (C2)
and a 33Ω (R2) resistor in series at the GATE pin to stabi-
lize the current limit amplifier during an overcurrent event.
C2 also limits self enhancement of the MOSFET. A 10Ω
resistor, R3, is connected to the gate of the MOSFET to
suppress parasitic oscillations.
Automobile Cold Crank Ride Through
During cold crank, the battery potential drops from the
12V nominal to as low as 3V for up to 40ms. The LTC4381
needs at least 4V at the VCC pin to function correctly. The
low quiescent current requirement of the part allows an
RC filter with reasonable values to be placed at the VCC pin
to ride through cold crank as shown in Figure 4.
RSNS
40m
R2
33
R1
10k
RDRN
100k
R3
10
C1
6.8µF
CTMR
220nF
C2
47nF
IN
DRN
ON
VCC
SEL
GND
TMR
SRC
SNS
OUT
LTC4381-2
GATE
GFET
4381 F04
VIN
12V
(NOMINAL 3V
AT COLD
CRANK)
12V/1A OUTPUT
CLAMPED AT 28.5V
COUT
22µF
FLT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com