Electronic Components Datasheet Search
  English  ▼

X  

VT82C686B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # VT82C686B
Description  PCI Super-I/O Integrated Peripheral Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT82C686B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button VT82C686B Datasheet HTML 5Page - List of Unclassifed Manufacturers VT82C686B Datasheet HTML 6Page - List of Unclassifed Manufacturers VT82C686B Datasheet HTML 7Page - List of Unclassifed Manufacturers VT82C686B Datasheet HTML 8Page - List of Unclassifed Manufacturers VT82C686B Datasheet HTML 9Page - List of Unclassifed Manufacturers VT82C686B Datasheet HTML 10Page - List of Unclassifed Manufacturers VT82C686B Datasheet HTML 11Page - List of Unclassifed Manufacturers VT82C686B Datasheet HTML 12Page - List of Unclassifed Manufacturers VT82C686B Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 128 page
background image
VT82C686B
Revision 1.71 June 9, 2000
-3-
Features
7HFKQRORJLHV ,QF
'HOLYHULQJ 9DOXH
'HOLYHULQJ 9DOXH
• Universal Serial Bus Controller
− USB v.1.1 and Intel Universal HCI v.1.1 compatible
− Eighteen level (doublewords) data FIFO with full scatter and gather capability
− Root hub and four function ports
− Integrated physical layer transceivers with optional over-current detection status on USB inputs
− Legacy keyboard and PS/2 mouse support
• System Management Bus Interface
− Host interface for processor communications
− Slave interface for external SMBus masters
• Sophisticated PC99-Compatible Mobile Power Management
− Supports both ACPI (Advanced Configuration and Power Interface) and legacy (APM) power management
− ACPI v1.0 Compliant
− APM v1.2 Compliant
− CPU clock throttling and clock stop control for complete ACPI C0 to C3 state support
− PCI bus clock run, Power Management Enable (PME) control, and PCI/CPU clock generator stop control
− Supports multiple system suspend types: power-on suspends with flexible CPU/PCI bus reset options,
suspend to DRAM, and suspend to disk (soft-off), all with hardware automatic wake-up
− Multiple suspend power plane controls and suspend status indicators
− One idle timer, one peripheral timer and one general purpose timer, plus 24/32-bit ACPI compliant timer
− Normal, doze, sleep, suspend and conserve modes
− Global and local device power control
− System event monitoring with two event classes
− Primary and secondary interrupt differentiation for individual channels
− Dedicated input pins for power and sleep buttons, external modem ring indicator, and notebook lid open/close for
system wake-up
− Up to 12 general purpose input ports and 23 output ports
− Multiple internal and external SMI sources for flexible power management models
− One programmable chip select and one microcontroller chip select
− Enhanced integrated real time clock (RTC) with date alarm, month alarm, and century field
− Thermal alarm on either external or any combination of three internal temperature sensing circuits
− Hot docking support
− I/O pad leakage control
• Plug and Play Controller
− PCI interrupts steerable to any interrupt channel
− Steerable interrupts for integrated peripheral controllers: USB, floppy, serial, parallel, audio, soundblaster, MIDI
− Steerable DMA channels for integrated floppy, parallel, and soundblaster pro controllers
− One additional steerable interrupt channel for on-board plug and play devices
− Microsoft Windows 98TM, Windows NTTM, Windows 95TM and plug and play BIOS compliant
• Integrated I/O APIC (Advanced Peripheral Interrupt Controller)
• Built-in NAND-tree pin scan test capability
• 0.35um, 3.3V, low power CMOS process
• Single chip 27x27 mm, 352 pin BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com