Electronic Components Datasheet Search
  English  ▼

X  

GS9020 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # GS9020
Description  Serial Digital Video Input Processor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS9020 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button GS9020 Datasheet HTML 9Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 10Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 11Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 12Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 13Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 14Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 15Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 16Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
521 - 66 - 05
13
In "Normal" mode the counter operates as previously
discussed, such that the counter increments on detection of
any error for which the sensitivity flags are set HIGH. If
“Reset Counter to Zero” mode is selected, the counter is
reset to zero and begins counting again. The mode of
operation will immediately return to 00 (normal mode) once
the counter resets. In "Auto Reset" mode, the counter
behaves in the normal fashion, except that it resets to zero
every time a HOSTIF read of the lowest 8 bits of the error
counter (address 17) is performed. This functionality allows
the chip to count the number of errors since the last read.
The “Hold Counter at Zero” mode instantly freezes the
counter at zero until it is moved into one of the other modes.
3. 9 INTERRUPT Signal
An interrupt output pin (INTERRUPT) is also available on the
GS9020. The INTERRUPT output is asserted LOW for each
field that contains errors in the outgoing EDH packet. The
sensitivity flags used for the 24 bit errored field counter also
apply to the interrupt signal. As a result, the interrupt can be
made sensitive to any particular flags. The INTERRUPT
signal is stable after an EDH packet exits the device and
before the subsequent EDH packet enters the device as
shown in Figure 11.
If the STICKY OUT control bit is asserted HIGH, the
interrupt remains asserted LOW until a HOSTIF read is
performed on the flag that caused the interrupt.
The INTERRUPT output is an open drain output and as a
result requires an external pull-up resistor. A 10k resistor
value is recommended. If this output is not used, a pullup
resistor is not required.
3.10 Flag Port
In addition to the HOSTIF tables, the EDH error flags can
also be read and written via the synchronous flag port. The
five flag port pins, FL[4:0], allow access to all 15 error flags.
The select pins S[1:0] control which flags are read/written
as outlined below. If the flag port is not going to be used, it
is best to set F_R/W high, leave FL[4:0] unconnected, and
set S[1:0] to any value desired (but not floating).
3.10.1 Write Mode
When the F_R/W pin is LOW, the flag port is in write mode
and the FL[4:0] pins are configured as inputs. After writing
to the flag port, the GS9020 inserts the written flags into the
next
outgoing
EDH
packet.
Note
that
external
flag
overwriting via the flag port takes precedence over HOSTIF
overwriting but the flag port writing only affects the next
outgoing EDH packet. Following this, if the flag port is not
written to again, flag operation is returned to normal EDH
functionality (unless it is being overwritten through the
HOSTIF).
The data present on the FL[4:0] output pins, as controlled
by the S[1:0] pins, is summarized below.
In addition to overwriting the 15 error flags, the outgoing
validity bits for the active picture (APV) and full field (FFV)
can be overwritten via the flag port.
The IN/OUT bit has no effect on writes to the error flags. IN/
OUT is a control bit used to determine if the flags read from
the flag port during flag port read cycles represent
incoming or outgoing EDH flags. If this bit is set HIGH, all
subsequent reads are from the incoming EDH packet. If this
bit is set LOW, then all subsequent reads are from the
updated outgoing packet. When the IN/OUT bit is written to,
the value remains latched until it is re-programmed. The IN/
OUT bit is set LOW upon reset of the chip.
CLR1
CLR0
MODE OF OPERATION
00
Normal
0
1
Reset Counter to Zero
1
0
Auto Reset
1
1
Hold Counter at Zero
PIN
LOGIC OPR
HOST BIT
INTERRUPT
PIN
LOGIC OPR
HOST BIT
F_R/W
S[1:0]
FL[4:0]
>
OVERWRITE VALUES
Write Mode, F_R/W = 0
S[1:0]
FL4
FL3
FL2
FL1
FL0
00
FF UES
FF IDA
FF IDH
FF EDA
FF EDH
01
AP UES
AP IDA
AP IDH
AP EDA
AP EDH
10
ANC
UES
ANC
IDA
ANC
IDH
ANC
EDA
ANC
EDH
11
IN/OUT
APV
FFV
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com