Electronic Components Datasheet Search
  English  ▼

X  

GS9020 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GS9020
Description  Serial Digital Video Input Processor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS9020 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GS9020 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
521 - 66 - 05
2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
Supply Voltage
-0.3V to 6.0V
Input Voltage Range (any input)
-0.3 to VDD +0.3V
Operating Temperature Range
0°C to 70°C
Storage Temperature
-55°C to 150°C
Lead Temperature (soldering, 10 sec)
260°C
DC ELECTRICAL CHARCTERISTICS
VDD = 5.0 V, TA = 0 - 70°C unless otherwise shown.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
TEST
LEVEL
Supply Voltage
VDD
4.75
5.0
5.25
V
Supply Current
Unloaded
Ι
DD
270Mb/s
-
110
-
mA
540Mb/s
-
190
-
mA
High Speed Serial
Data and Clock
Inputs
VCM
3.14
3.65
3.95
V
VDIFFIN
450
800
1250
mV
RPULLUP
-75-
Ω
1
Serial Data
Outputs
VCM
-2.7
-
V
VDIFFOUT
-
800
-
mV
2
TTL Compatible
CMOS Inputs
VILMAX
--
0.8
V
VIHMIN
2.0
-
-
V
Ι
IN
VIN = VDD or GND
-
-
150
µA
3
--
1
µA
4
CIN
-10-
pF
TTL Compatible
CMOS Outputs
VOLMAX
at
Ι
OUT
--
0.4
V
VOHMIN
at
Ι
OUT
2.4
-
-
V
Ι
OUT
-8
-
mA
5
-4
-
mA
6
-2
-
mA
7
NOTES
1. RPULLUP refers to the internal pullup resistor associated with the serial data and clock inputs (see Figure 4).
2. Assuming 100
Ω differential termination resistor as shown in figure 7. Given V
DIFFOUT = 800mV and a 100Ω termination, ISDO = 8mA.
3. The following inputs have internal pull-up resistors: SDOMODE. The following inputs have internal pull-down resistors:
ANC_CHKSM, FLYWDIS, FLAG_MAP, RESET, CRC_MODE, FIFOE/S AND HOSTIF_MODE.
4. All other inputs.
5. The following outputs have 8mA drivers (typical): PCLKOUT
6. The following outputs have 4mA drivers (typical): S[1:0], FL[4:0], ANC_DATA, DOUT[9:0], V, F[2:0], H, FIFO_RESET, TRS_ERR,
NO_EDH
7.The following outputs have 2mA drivers (typical): P[7:0], STD[3:0], INTERRUPT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com