Electronic Components Datasheet Search
  English  ▼

X  

GS9020 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # GS9020
Description  Serial Digital Video Input Processor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS9020 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button GS9020 Datasheet HTML 15Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 16Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 17Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 18Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 19Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 20Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 21Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 22Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
521 - 66 - 05
19
6.0 RESET
Setting the RESET input pin LOW re-initializes the internal
control circuitry including returning all HOST interface
programming values to their original default values.
An
internal power-on-reset cell is also present in the device so
that device initialization occurs on power-up.
Figure 16a
illustrates the reset circuitry.
The internal power-on reset
circuit of the GS9020 is sensitive to the rise time of the
power supply, hence an external power on reset chip or
board level reset line is strongly recommended.
When
using this technique, the user must ensure that a minimum
pulse width of 100ns is present on the reset line.
In applications where a board-level reset is not available, a
circuit similar to figure 16b can be used to ensure correct
reset on power-up. The RESET pin will typically take 1.4ms
to reach 2.5V on power up, but can take longer for power
supplies with slower rise times. A bleed resistor such as
the one shown (20k) will assist the capacitor to discharge
once power is removed. The user should allow the
capacitor to discharge to at least 0.5V before power is
reapplied, to permit a full internal reset. The time taken by
the RESET pin to reach 0.5V on power down, is dependent
upon the fall time of the power supply.
PIN
LOGIC OPR
HOST BIT
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com