Electronic Components Datasheet Search
  English  ▼

X  

GS9020 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # GS9020
Description  Serial Digital Video Input Processor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS9020 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button GS9020 Datasheet HTML 22Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 23Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 24Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 25Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 26Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 27Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 28Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 29Page - List of Unclassifed Manufacturers GS9020 Datasheet HTML 30Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
521 - 66 - 05
27
Fig. 14c HOSTIF Parallel Port READ/WRITE Cycles
Fig. 15 Host Interface READ/WRITE Timing
Fig. 16a Reset Circuitry
Fig. 16b Acceptable external reset circuit when a master reset is
not available
WRITE CYCLE
READ CYCLE
P[7:0]
A/D
R/W
CS
ADDRESS
ADDRESS
DATA
DATA
DATA IN
t0
t1
t2
t3
t4
VALID TIME TO READ/WRITE
EDH INFORMATION TO/FROM GS9020
FIELD 0
FIELD 1
FIELD 2
DOUT[9:0]
E
D
H
F0
E
D
H
F1
t0
2 LINES
SDI/SDI
EDH F0
EDH F1
INTERNAL
POWER on
RESET CELL
INTERNAL
RESET
SIGNAL
tMAX = 25µs
tRESET
RESET
PIN
Manual
Reset
Switch
(Optional)
RESET
VDD
0V
0V
5V
5V
VDD
RESET
~1.4 mS
t
t
2k
1uF
20k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com