Electronic Components Datasheet Search
  English  ▼

X  

TPSM82821 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TPSM82821
Description  TPSM8282x 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM82821 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPSM82821 Datasheet HTML 35Page - Texas Instruments TPSM82821 Datasheet HTML 36Page - Texas Instruments TPSM82821 Datasheet HTML 37Page - Texas Instruments TPSM82821 Datasheet HTML 38Page - Texas Instruments TPSM82821 Datasheet HTML 39Page - Texas Instruments TPSM82821 Datasheet HTML 40Page - Texas Instruments TPSM82821 Datasheet HTML 41Page - Texas Instruments TPSM82821 Datasheet HTML 42Page - Texas Instruments TPSM82821 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
7X (0.65)
7X (0.25)
8X (0.5)
(1.25)
(R0.05) TYP
uSIP
- 1.1 mm max height
SIL0010D
MICRO SYSTEM IN PACKAGE
4223961/D 09/2019
NOTES: (continued)
5. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
TM
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
SCALE:25X
SYMM
1
5
6
10
SYMM
www.ti.com
TPSM82823, TPSM82822, TPSM82821
SLVSEP0E – APRIL 2018 – REVISED MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TPSM82823 TPSM82822 TPSM82821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com