Electronic Components Datasheet Search
  English  ▼

X  

TPSM82821 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPSM82821
Description  TPSM8282x 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM82821 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPSM82821 Datasheet HTML 19Page - Texas Instruments TPSM82821 Datasheet HTML 20Page - Texas Instruments TPSM82821 Datasheet HTML 21Page - Texas Instruments TPSM82821 Datasheet HTML 22Page - Texas Instruments TPSM82821 Datasheet HTML 23Page - Texas Instruments TPSM82821 Datasheet HTML 24Page - Texas Instruments TPSM82821 Datasheet HTML 25Page - Texas Instruments TPSM82821 Datasheet HTML 26Page - Texas Instruments TPSM82821 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
Vin (V)
2.4
2.9
3.4
3.9
4.4
4.9
5.4
0.597
0.599
0.601
0.603
0.605
0.607
0.609
0.611
3
D041
IOUT = 0A
IOUT = 1A
IOUT = 2A
VOUT = 0.6 V
TPSM82822
Figure 9-47. Line Regulation
Vin (V)
2.4
2.9
3.4
3.9
4.4
4.9
5.4
1.195
1.196
1.197
1.198
1.199
1.200
1.201
1.202
1.203
1.204
1.205
3
D042
IOUT = 0A
IOUT = 1A
IOUT = 2A
VOUT = 1.2 V
TPSM82822
Figure 9-48. Line Regulation
Vin (V)
2.4
2.9
3.4
3.9
4.4
4.9
5.4
1.800
1.801
1.802
1.803
1.804
1.805
1.806
1.807
1.808
1.809
1.810
1.811
1.812
1.813
1.814
1.815
3
D043
IOUT = 0A
IOUT = 1A
IOUT = 2A
VOUT = 1.8 V
TPSM82822
Figure 9-49. Line Regulation
Vin (V)
2.4
2.9
3.4
3.9
4.4
4.9
5.4
2.495
2.496
2.497
2.498
2.499
2.500
2.501
2.502
2.503
2.504
2.505
3
D042
IOUT = 0A
IOUT = 1A
IOUT = 2A
VOUT = 2.5 V
TPSM82822
Figure 9-50. Line Regulation
Vin (V)
3.3
3.8
4.3
4.8
5.3
3.15
3.17
3.19
3.21
3.23
3.25
3.27
3.29
3.31
3.33
3.35
D044
IOUT = 0A
IOUT = 1A
IOUT = 2A
VOUT = 3.3 V
TPSM82822
Figure 9-51. Line Regulation
Time - 200ns/DIV
D045
VOUT
10mV/DIV
AC
VIN
10mV/DIV
AC
VSW
2V/DIV
IOUT = 2 A
TPSM82822
Figure 9-52. Input and Output Ripple in PWM Mode
www.ti.com
TPSM82823, TPSM82822, TPSM82821
SLVSEP0E – APRIL 2018 – REVISED MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TPSM82823 TPSM82822 TPSM82821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com