Electronic Components Datasheet Search
  English  ▼

X  

TPSM82821 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPSM82821
Description  TPSM8282x 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM82821 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPSM82821 Datasheet HTML 17Page - Texas Instruments TPSM82821 Datasheet HTML 18Page - Texas Instruments TPSM82821 Datasheet HTML 19Page - Texas Instruments TPSM82821 Datasheet HTML 20Page - Texas Instruments TPSM82821 Datasheet HTML 21Page - Texas Instruments TPSM82821 Datasheet HTML 22Page - Texas Instruments TPSM82821 Datasheet HTML 23Page - Texas Instruments TPSM82821 Datasheet HTML 24Page - Texas Instruments TPSM82821 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
VIN = 2.4 V
TA = 25°C
TPSM82822
Figure 9-35. Efficiency
VIN = 2.4 V
TA = 85°C
TPSM82822
Figure 9-36. Efficiency
Ambient Temperature (°C)
45
55
65
75
85
95
105
115
125
0
0.5
1
1.5
2
2.5
VIN = 5 V
VIN = 3.3 V
VIN = 2.7 V
VIN = 2.4 V
VOUT = 0.6 V
TPSM82822
RθJA = 64.3 °C/W
Figure 9-37. Safe Operating Area
Ambient Temperature (°C)
45
55
65
75
85
95
105
115
125
0
0.5
1
1.5
2
2.5
VIN = 5 V
VIN = 3.3 V
VIN = 2.7 V
VIN = 2.4 V
VOUT = 1.2 V
TPSM82822
RθJA = 64.3 °C/W
Figure 9-38. Safe Operating Area
Ambient Temperature (°C)
45
55
65
75
85
95
105
115
125
0
0.5
1
1.5
2
2.5
VIN = 5 V
VIN = 3.3 V
VIN = 2.7 V
VIN = 2.4 V
VOUT = 1.8 V
TPSM82822
RθJA = 64.3 °C/W
Figure 9-39. Safe Operating Area
Ambient Temperature (°C)
45
55
65
75
85
95
105
115
125
0
0.5
1
1.5
2
2.5
VIN = 5 V
VIN = 3.3 V
VOUT = 2.5 V
TPSM82822
RθJA = 64.3 °C/W
Figure 9-40. Safe Operating Area
www.ti.com
TPSM82823, TPSM82822, TPSM82821
SLVSEP0E – APRIL 2018 – REVISED MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPSM82823 TPSM82822 TPSM82821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com