Electronic Components Datasheet Search
  English  ▼

X  

TPSM82821 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPSM82821
Description  TPSM8282x 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM82821 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPSM82821 Datasheet HTML 4Page - Texas Instruments TPSM82821 Datasheet HTML 5Page - Texas Instruments TPSM82821 Datasheet HTML 6Page - Texas Instruments TPSM82821 Datasheet HTML 7Page - Texas Instruments TPSM82821 Datasheet HTML 8Page - Texas Instruments TPSM82821 Datasheet HTML 9Page - Texas Instruments TPSM82821 Datasheet HTML 10Page - Texas Instruments TPSM82821 Datasheet HTML 11Page - Texas Instruments TPSM82821 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
8 Detailed Description
8.1 Overview
The TPSM8282x synchronous step-down converter power module is based on DCS-Control™ (Direct Control
with Seamless transition into Power-Save Mode). This is an advanced regulation topology that combines the
advantages of hysteretic, voltage, and current mode control.
The DCS-Control™ topology operates in PWM (Pulse Width Modulation) mode for medium to heavy load
conditions and in PSM (Power-Save Mode) at light load currents. In PWM, the converter operates with its
nominal switching frequency of 4 MHz having a controlled frequency variation over the input voltage range.
As the load current decreases, the converter enters Power-Save Mode, reducing the switching frequency
and minimizing the quiescent current of the IC to achieve high efficiency over the entire load current range.
DCS-Control™ supports both operation modes using a single building block and, therefore, has a seamless
transition from PWM to PSM without effects on the output voltage. The TPSM8282x offers excellent DC voltage
regulation and load transient regulation, combined with low output voltage ripple, minimizing interference with RF
circuits.
8.2 Functional Block Diagram
VOUT
FB
GND
Output Discharge
Logic
Direct Control
and
Compensation
Timer
ton
Comparator
Ramp
Error Amplifier
DCS - Control
TM
MOSFET Driver
Control Logic
High Side
Current Sense
Hiccup
Counter
VIN
EN
Bandgap
Undervoltage Lockout
Thermal Shutdown
EN
PG
V
REF
L
(1)
SW
Fixed VOUT
VPGTH(high)
VFB
VPGTH(low)
PG
deglitch
+
+
-
-
(1) Inductance value is 0.47 µH in TPSM82821, 0.24 µH in TPSM82822 and 0.24 µH in TPSM82823.
8.3 Feature Description
8.3.1 PWM and PSM Operation
The TPSM8282x includes a fixed on-time (tON) circuitry. This tON, in steady-state operation in PWM and PSM
modes, is estimated as:
u
OUT
ON
IN
V
t
250ns
V
(1)
In PWM mode, the TPSM8282x operates with pulse width modulation in continuous conduction mode (CCM)
with a tON shown in Equation 1 at medium and heavy load currents. A PWM switching frequency of typically 4
MHz is achieved by this tON circuitry.
TPSM82823, TPSM82822, TPSM82821
SLVSEP0E – APRIL 2018 – REVISED MAY 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPSM82823 TPSM82822 TPSM82821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com