Electronic Components Datasheet Search
  English  ▼

X  

2SC5665 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5665
Description  High-Frequency Low-Noise Amplifier and OSC Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5665 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5665 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 6Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SC5665
No.7351-3/7
0
0
20
PC -- Ta
IT04839
40
60
100
80
120
40
20
100
120
60
80
140
160
1.0
0
1.0
0.5
1.5
NF -- IC
IT04837
2.0
2.5
3.0
4.0
3.5
5.0
4.5
5
3
27
10
5
3
27
100
Zs=50
Ω
Zs=Zsopt
VCE=1V
f=2GHz
1.0
0
1.0
0.5
1.5
NF -- IC
IT04838
2.0
2.5
3.0
4.0
3.5
5.0
4.5
5
3
27
10
5
3
27
100
VCE=3V
f=2GHz
Zs=Zsopt
Ambient Temperature, Ta --
°C
Collector Current, IC -- mA
Collector Current, IC -- mA
IT04835
IT04836
S21e2 -- IC
1.0
S21e2 -- IC
2
3
5
7
2
3
5
7
10
100
2
4
6
8
16
14
12
10
0
2
4
6
8
12
10
1.0
10
23
5
7
23
5
7
100
f=1GHz
VCE=3V
1V
VCE=3V
1V
f=2GHz
Collector Current, IC -- mA
Collector Current, IC -- mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com