Electronic Components Datasheet Search
  English  ▼

X  

2SC5665 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # 2SC5665
Description  High-Frequency Low-Noise Amplifier and OSC Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5665 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  2SC5665 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 6Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2SC5665
No.7351-5/7
VCE=1V, IC=30mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
100
0.564
--78.88
27.793
132.50
0.035
59.72
0.635
--54.80
200
0.499
--117.16
17.678
112.56
0.050
55.31
0.430
--81.31
400
0.469
--148.48
9.719
96.01
0.074
58.68
0.287
--108.63
600
0.466
--162.54
6.623
86.79
0.099
61.11
0.245
--124.23
800
0.458
--170.76
5.014
80.54
0.122
61.57
0.228
--134.22
1000
0.462
--177.08
4.087
74.56
0.147
61.13
0.224
--139.82
1200
0.458
177.39
3.430
69.50
0.171
59.97
0.228
--147.14
1400
0.455
172.21
2.957
64.66
0.197
59.16
0.226
--150.62
1600
0.456
167.74
2.629
60.38
0.221
56.51
0.231
--153.81
1800
0.450
162.98
2.368
56.01
0.242
55.02
0.233
--157.12
2000
0.446
158.06
2.144
52.06
0.265
53.62
0.237
--159.69
2200
0.445
153.26
1.987
48.32
0.288
51.32
0.239
--163.69
2400
0.426
149.46
1.839
44.39
0.306
48.60
0.230
--167.13
2600
0.432
144.79
1.737
41.66
0.328
47.68
0.239
--168.79
2800
0.425
140.76
1.636
37.82
0.349
45.49
0.241
--173.69
3000
0.430
137.35
1.560
34.71
0.369
43.34
0.244
--176.60
VCE=3V, IC=1mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
100
0.976
--14.07
3.602
168.75
0.040
81.40
0.981
--7.61
200
0.957
--27.92
3.521
158.07
0.077
72.40
0.959
--14.89
400
0.898
--53.12
3.162
138.86
0.138
57.73
0.880
--27.16
600
0.838
--75.05
2.823
122.46
0.175
46.08
0.789
--36.89
800
0.772
--92.77
2.443
108.76
0.197
38.15
0.715
--43.80
1000
0.734
--108.47
2.209
97.05
0.210
31.60
0.666
--49.31
1200
0.691
--121.27
1.969
86.65
0.215
27.46
0.619
--54.14
1400
0.655
--132.71
1.763
77.42
0.217
24.67
0.586
--57.82
1600
0.629
--142.67
1.619
69.41
0.217
22.52
0.571
--61.40
1800
0.599
--151.50
1.499
62.32
0.211
21.77
0.555
--64.88
2000
0.577
--159.75
1.383
55.54
0.209
22.72
0.554
--68.05
2200
0.557
--167.05
1.290
49.38
0.207
23.85
0.545
--71.45
2400
0.538
--173.71
1.190
44.12
0.205
25.28
0.539
--74.21
2600
0.531
179.47
1.140
39.85
0.205
27.97
0.540
--78.45
2800
0.517
173.31
1.063
34.90
0.210
32.21
0.542
--82.00
3000
0.511
166.83
1.024
31.52
0.218
34.96
0.543
--85.49
VCE=3V, IC=5mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
100
0.885
--27.59
12.804
158.98
0.036
72.81
0.919
--18.67
200
0.806
--51.67
11.316
141.97
0.065
62.97
0.806
--33.45
400
0.649
--87.77
8.294
118.38
0.097
51.37
0.600
--51.61
600
0.561
--112.50
6.258
103.49
0.115
46.54
0.472
--61.44
800
0.507
--128.21
4.928
93.38
0.129
45.93
0.394
--67.46
1000
0.484
--141.12
4.122
85.20
0.143
46.14
0.350
--72.22
1200
0.460
--151.51
3.508
78.17
0.158
46.72
0.319
--77.35
1400
0.446
--160.21
3.037
72.04
0.173
46.78
0.299
--80.01
1600
0.437
--167.47
2.718
66.44
0.187
46.84
0.286
--83.67
1800
0.423
--174.51
2.451
61.29
0.202
46.90
0.279
--86.94
2000
0.415
179.14
2.234
56.62
0.217
47.19
0.274
--90.29
2200
0.407
172.97
2.069
51.91
0.233
46.61
0.265
--94.06
2400
0.392
167.89
1.900
47.68
0.248
46.16
0.254
--95.15
2600
0.392
162.21
1.803
44.31
0.265
45.33
0.257
--99.53
2800
0.383
157.32
1.688
39.78
0.283
44.75
0.249
--102.43
3000
0.390
152.58
1.607
36.62
0.300
44.54
0.249
--105.80



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com