Electronic Components Datasheet Search
  English  ▼

X  

2SC5665 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # 2SC5665
Description  High-Frequency Low-Noise Amplifier and OSC Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5665 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  2SC5665 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 6Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2SC5665
No.7351-6/7
VCE=3V, IC=10mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
100
0.795
--38.83
20.116
150.98
0.034
71.48
0.850
--27.09
200
0.667
--68.89
16.006
130.98
0.055
59.34
0.677
--45.00
400
0.517
--106.98
10.232
108.83
0.081
53.97
0.454
--63.68
600
0.457
--129.59
7.307
96.42
0.098
53.52
0.345
--73.72
800
0.424
--143.24
5.632
88.34
0.117
54.12
0.287
--80.01
1000
0.417
--153.63
4.623
81.35
0.137
54.80
0.256
--84.72
1200
0.404
--162.53
3.919
75.61
0.154
55.07
0.235
--91.08
1400
0.397
--169.68
3.377
70.16
0.173
54.91
0.222
--94.48
1600
0.394
--175.88
3.005
65.29
0.193
53.77
0.216
--98.90
1800
0.386
178.14
2.707
60.74
0.211
53.13
0.210
--102.78
2000
0.382
172.14
2.457
56.49
0.229
52.13
0.210
--105.89
2200
0.378
165.97
2.275
52.14
0.249
50.73
0.203
--110.23
2400
0.360
161.52
2.086
48.28
0.266
48.89
0.194
--112.42
2600
0.367
156.28
1.973
45.29
0.283
48.55
0.198
--117.32
2800
0.359
151.26
1.850
41.08
0.304
47.16
0.191
--121.17
3000
0.364
147.35
1.757
38.08
0.321
45.84
0.193
--125.07
VCE=3V, IC=30mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
100
0.610
--59.72
30.149
138.49
0.029
64.74
0.708
--40.43
200
0.490
--95.34
20.431
117.93
0.044
61.00
0.494
--61.10
400
0.404
--131.27
11.585
100.08
0.067
60.86
0.306
--79.35
600
0.385
--149.05
7.980
90.46
0.090
62.74
0.235
--90.20
800
0.371
--159.04
6.070
83.97
0.110
63.56
0.200
--98.49
1000
0.375
--166.62
4.943
78.09
0.134
63.10
0.188
--103.89
1200
0.371
--173.58
4.162
73.16
0.156
62.14
0.179
--112.07
1400
0.370
--179.09
3.590
68.34
0.179
61.01
0.174
--115.63
1600
0.370
175.69
3.177
63.92
0.201
59.02
0.174
--121.09
1800
0.366
170.49
2.862
59.86
0.219
57.50
0.174
--124.53
2000
0.365
165.26
2.596
55.95
0.241
55.78
0.177
--127.77
2200
0.365
159.72
2.401
52.04
0.264
53.87
0.176
--133.31
2400
0.348
155.45
2.206
48.51
0.281
51.40
0.166
--136.62
2600
0.353
150.78
2.083
45.71
0.302
50.38
0.176
--139.63
2800
0.349
146.26
1.949
41.64
0.321
48.56
0.171
--145.90
3000
0.357
142.59
1.853
38.66
0.342
46.93
0.174
--149.31



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com