Electronic Components Datasheet Search
  English  ▼

X  

2SC5665 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC5665
Description  High-Frequency Low-Noise Amplifier and OSC Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5665 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC5665 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 6Page - Sanyo Semicon Device 2SC5665 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SC5665
No.7351-4/7
S Parameters (Common emitter)
VCE=1V, IC=1mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
100
0.973
--15.90
3.638
167.29
0.050
79.91
0.977
--9.40
200
0.948
--31.19
3.482
155.57
0.095
70.33
0.946
--18.29
400
0.881
--58.99
3.073
134.82
0.166
54.39
0.847
--32.76
600
0.817
--82.35
2.684
117.37
0.205
41.95
0.745
--43.72
800
0.751
--100.32
2.310
103.16
0.226
33.75
0.660
--51.78
1000
0.716
--115.88
2.051
91.40
0.241
27.55
0.608
--57.99
1200
0.676
--128.75
1.832
80.86
0.245
22.89
0.562
--63.64
1400
0.645
--139.90
1.623
71.76
0.244
20.24
0.535
--67.36
1600
0.622
--149.21
1.484
63.80
0.243
18.33
0.521
--71.36
1800
0.597
--157.60
1.375
56.78
0.235
17.45
0.510
--75.10
2000
0.576
--165.50
1.265
50.45
0.232
17.98
0.502
--79.16
2200
0.561
--172.48
1.189
44.29
0.231
19.25
0.496
--83.13
2400
0.544
--178.67
1.096
39.32
0.226
20.11
0.497
--85.82
2600
0.537
174.51
1.044
35.03
0.226
23.31
0.497
--89.94
2800
0.526
168.64
0.985
30.51
0.230
26.53
0.498
--94.15
3000
0.524
162.85
0.945
27.09
0.237
29.18
0.500
--98.39
VCE=1V, IC=5mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
100
0.866
--32.91
12.661
156.28
0.045
72.01
0.898
--23.29
200
0.779
--60.72
10.936
137.67
0.078
58.69
0.765
--41.46
400
0.636
--99.74
7.611
113.72
0.112
46.99
0.544
--63.29
600
0.566
--124.52
5.620
99.23
0.128
43.52
0.419
--76.06
800
0.524
--139.66
4.366
89.54
0.145
42.78
0.351
--84.07
1000
0.513
--151.48
3.632
81.28
0.160
42.91
0.314
--90.89
1200
0.493
--161.01
3.087
74.54
0.174
43.71
0.286
--97.65
1400
0.483
--168.73
2.667
68.39
0.188
43.77
0.269
--101.52
1600
0.475
--175.51
2.387
62.84
0.206
43.96
0.260
--106.33
1800
0.464
178.02
2.155
57.63
0.220
43.91
0.254
--109.97
2000
0.456
172.06
1.961
52.90
0.235
43.59
0.256
--113.34
2200
0.448
166.58
1.823
48.32
0.255
43.40
0.251
--117.73
2400
0.433
161.66
1.680
44.30
0.267
42.03
0.240
--119.28
2600
0.434
156.29
1.591
40.69
0.285
42.26
0.245
--123.90
2800
0.426
151.59
1.498
36.47
0.305
41.45
0.242
--127.36
3000
0.429
147.16
1.426
33.28
0.322
40.63
0.243
--131.22
VCE=1V, IC=10mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
100
0.760
--47.73
19.641
147.15
0.042
66.87
0.814
--34.53
200
0.643
--82.37
14.907
126.09
0.064
55.24
0.622
--57.00
400
0.529
--121.66
9.114
104.56
0.090
49.92
0.405
--80.69
600
0.493
--142.40
6.406
92.74
0.109
49.93
0.311
--94.97
800
0.470
--154.81
4.890
84.83
0.128
52.01
0.264
--104.53
1000
0.467
--164.08
4.015
77.98
0.150
52.31
0.246
--111.58
1200
0.460
--171.57
3.386
72.18
0.168
52.82
0.232
--119.56
1400
0.453
--178.17
2.916
66.85
0.189
52.14
0.224
--123.80
1600
0.451
176.26
2.601
61.96
0.211
51.27
0.221
--128.76
1800
0.444
170.62
2.345
57.29
0.229
50.17
0.220
--131.99
2000
0.439
165.17
2.130
53.05
0.250
49.26
0.223
--135.27
2200
0.434
159.62
1.968
48.98
0.271
48.40
0.221
--140.67
2400
0.418
155.46
1.819
45.02
0.288
46.39
0.210
--142.60
2600
0.420
150.61
1.718
41.86
0.306
45.52
0.220
--145.84
2800
0.413
146.05
1.617
37.82
0.326
43.96
0.216
--150.89
3000
0.418
142.11
1.540
34.56
0.344
42.94
0.217
--154.44



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com