Electronic Components Datasheet Search
  English  ▼

X  

B3PU Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # B3PU
Description  Space-saving Two-wire Signal Conditioners B3-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

B3PU Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  B3PU Datasheet HTML 1Page - M-System Co.,Ltd. B3PU Datasheet HTML 2Page - M-System Co.,Ltd. B3PU Datasheet HTML 3Page - M-System Co.,Ltd. B3PU Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: B3PU
B3PU SPECIFICATIONS
ES-7503 Rev.11 Page 3/4
https://www.m-system.co.jp/
INPUT TYPE, RANGE & ACCURACY
Table 1
INPUT TYPE
MAXIMUM RANGE
ACCURACY
DC mV & V
-16 to
+16mV
±10µV or ±0.04% of reading, whichever is greater
-32 to
+32mV
±15µV or ±0.04% of reading, whichever is greater
-50 to
+64mV
±25µV or ±0.04% of reading, whichever is greater
-50 to +128mV
±40µV or ±0.04% of reading, whichever is greater
-50 to +256mV
±60µV or ±0.04% of reading, whichever is greater
-50 to +500mV
±100µV or ±0.04% of reading, whichever is greater
-50 to +1000mV
±120µV or ±0.04% of reading, whichever is greater
Potentiometer
0 to 4000Ω
±0.5% (total resistance ≥10Ω)
±0.2% (total resistance ≥40Ω)
±0.1% (total resistance ≥80Ω)
Resistance
0 to 200Ω
±0.06Ω or ±0.04% of reading, whichever is greater *1
0 to 500Ω
±0.1Ω or ±0.04% of reading, whichever is greater *1
0 to 1000Ω
±0.2Ω or ±0.04% of reading, whichever is greater *1
0 to 2000Ω
±0.4Ω or ±0.04% of reading, whichever is greater *1
0 to 4000Ω
±0.6Ω or ±0.04% of reading, whichever is greater *1
Thermocouple
°C
°F
MAXIMUM
CONFORMANCE
ACCURACY
MAXIMUM
CONFORMANCE
ACCURACY
RANGE
RANGE
*2
RANGE
RANGE
*2
K (CA)
-270 to +1370
-150 to +1370
±0.25
-454 to +2498
-238 to +2498
±0.45
E (CRC)
-270 to +1000
-170 to +1000
±0.20
-454 to +1832
-274 to +1832
±0.36
J (IC)
-210 to +1200
-180 to +1200
±0.25
-346 to +2192
-292 to +2192
±0.45
T (CC)
-270 to +400
-170 to +400
±0.25
-454 to +752
-274 to +752
±0.45
B (RH)
100 to 1820
400 to 1760
±0.75
212 to 3308
752 to 3200
±1.35
R
-50 to +1760
200 to 1760
±0.50
-58 to +3200
392 to 3200
±0.90
S
-50 to +1760
200 to 1760
±0.50
-58 to +3200
392 to 3200
±0.90
C (WRe 5-26)
0 to 2315
0 to 2315
±0.80
32 to 4199
32 to 4199
±1.44
N
-270 to +1300
-130 to +1300
±0.30
-454 to +2372
-202 to +2372
±0.54
U
-200 to +600
-200 to +600
±0.20
-328 to +1112
-328 to +1112
±0.36
L
-200 to +900
-200 to +900
±0.25
-328 to +1652
-328 to +1652
±0.45
P (Platinel II)
0 to 1395
0 to 1395
±0.25
32 to 2543
32 to 2543
±0.45
RTD
°C
°F
MAXIMUM RANGE
ACCURACY*3
MAXIMUM RANGE
ACCURACY*3
Pt 100 (JIS ’97, IEC)
-200 to +850
±0.15
-328 to +1562
±0.27
Pt 200 (JIS ’97, IEC)
-200 to +850
±0.15
-328 to +1562
±0.27
Pt 500 (JIS ’97, IEC)
-200 to +850
±0.15
-328 to +1562
±0.27
Pt 1000 (JIS ’97, IEC)
-200 to +850
±0.15
-328 to +1562
±0.27
Pt 50 Ω (JIS ’81)
-200 to +649
±0.30
-328 to +1200
±0.54
Pt 100 (JIS ’81)
-200 to +649
±0.15
-328 to +1200
±0.27
Ni 120 (Edison curve No. 7)
-80 to +260
±0.15
-112 to +500
±0.27
Cu 10 @ 25°C
-50 to +250
±1.0
-58 to +482
±1.8
*1. For 2- or 3-wire resistance, the value is valid by the sensor calibration after the wiring.
*2. Or ±0.04% of reading, whichever is greater. Add Cold Junction Compensation Error 0.5°C (0.9°F).
*3. Or ±0.04% of reading, whichever is greater.
For 2- or 3-wire RTD, the value is valid by the sensor calibration after the wiring.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com