Electronic Components Datasheet Search
  English  ▼

X  

B3PU Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # B3PU
Description  Space-saving Two-wire Signal Conditioners B3-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

B3PU Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  B3PU Datasheet HTML 1Page - M-System Co.,Ltd. B3PU Datasheet HTML 2Page - M-System Co.,Ltd. B3PU Datasheet HTML 3Page - M-System Co.,Ltd. B3PU Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: B3PU
B3PU SPECIFICATIONS
ES-7503 Rev.11 Page 1/4
https://www.m-system.co.jp/
Space-saving Two-wire Signal
Conditioners B3-UNIT
2-WIRE UNIVERSAL TEMPERATURE TRANSMITTER
(PROFIBUS-PA)
Functions & Features
• Universal input: mV, V, T/C, RTD, resistance and
potentiometer
• High accuracy
• PROFIBUS-PA communication
• A wide variety of T/C and RTD types
• Self diagnostics
• Input-output isolated
mm [inch]
110.5
[4.35]
18 [.71]
106
[4.17]
MODEL: B3PU–0[1]
ORDERING INFORMATION
• Code number: B3PU-0[1]
Specify a code from below for [1].
(e.g. B3PU-0/Q)
• Specify the specification for option code /Q
(e.g. /C01)
SAFETY APPROVAL
0: None
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• GSD (General Station Description) file
• EDDL (Electronic Device Description Language) file
GSD and EDDL files are downloadable at M-System’s web
site
GENERAL SPECIFICATIONS
Construction: Small-sized front terminal structure
Connection: Euro type connector terminal
(applicable wire size: 0.2 to 2.5 mm2, stripped length 8 mm)
Housing material: Flame-resistant resin (gray)
Isolation: Input to output
Cold Junction Compensation (thermocouple input): CJC
sensor incorporated
Device address: 0 to 126 (factory set to 126)
Data transmission: MBP (Manchester-coded Bus Powered)
Mode
Device profile: PROFIBUS-PA Profile V3.0,
Compact Class B
PROFIBUS COMMUNICATION
Digital signal: Manchester-coded signal
(conforms to IEC 61158-2)
Baud rate: 31.25 kbps
Protocol: PROFIBUS-DP-V1
Device profile: PROFIBUS-PA Profile V3.0, Compact Class B
INPUT SPECIFICATIONS
The input is factory set for use with K thermocouple.
See Table 1 for the available input type and the maximum
range.
■ DC mV & V
Input resistance: ≥ 1 MΩ
■ Thermocouple
Input resistance: ≥ 1 MΩ
Burnout sensing: 130 nA ±10 %
■ RTD (2-wire, 3-wire or 4-wire)
Excitation: 0.2 mA ±10 %
Allowable leadwire resistance: Max. 20 Ω per wire
■ Resistance (2-wire, 3-wire or 4-wire)
Excitation: 0.2 mA ±10 %
Allowable leadwire resistance: Max. 20 Ω per wire
■ Potentiometer
Excitation: 0.2 mA ±10%
Allowable leadwire resistance: Max. 20 Ω per wire
OUTPUT SPECIFICATIONS
Output signal: Digital signals (refer to ‘PROFIBUS
COMMUNICATION’)
Static current consumption: 12 ±1 mA


Similar Part No. - B3PU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
Disconnectable Crimp style connectors
B3P-VH ETC2-B3P-VH Datasheet
111Kb / 5P
Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
B3P-VH JST-B3P-VH Datasheet
173Kb / 4P
VH CONNECTOR 3.96mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
B3P-VH-B ETC2-B3P-VH-B Datasheet
111Kb / 5P
Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
B3P-VH-B JST-B3P-VH-B Datasheet
173Kb / 4P
VH CONNECTOR 3.96mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - B3PU

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
B3FR MSYSTEM-B3FR Datasheet
122Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3FT MSYSTEM-B3FT Datasheet
133Kb / 4P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3FV MSYSTEM-B3FV Datasheet
111Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3HU MSYSTEM-B3HU Datasheet
141Kb / 5P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3HU2 MSYSTEM-B3HU2 Datasheet
121Kb / 4P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3VS1 MSYSTEM-B3VS1 Datasheet
104Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3VS2 MSYSTEM-B3VS2 Datasheet
106Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
BCT MSYSTEM-BCT Datasheet
112Kb / 3P
Space-saving Two-wire Signal Conditioners B-UNIT
BPT MSYSTEM-BPT Datasheet
104Kb / 2P
Space-saving Two-wire Signal Conditioners B-UNIT
B3VS MSYSTEM-B3VS Datasheet
104Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com