Electronic Components Datasheet Search
  English  ▼

X  

B3PU Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # B3PU
Description  Space-saving Two-wire Signal Conditioners B3-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

B3PU Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  B3PU Datasheet HTML 1Page - M-System Co.,Ltd. B3PU Datasheet HTML 2Page - M-System Co.,Ltd. B3PU Datasheet HTML 3Page - M-System Co.,Ltd. B3PU Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: B3PU
B3PU SPECIFICATIONS
ES-7503 Rev.11 Page 2/4
https://www.m-system.co.jp/
INSTALLATION
Supply voltage: 9 – 30 V DC (automatic polarity detection)
Operating temperature: -40 to +85°C (-40 to +185°F)
Operating humidity: 0 to 95 %RH (non-condensing)
Mounting: DIN rail
Weight: 80 g (2.8 oz)
PERFORMANCE
Accuracy: See Table 1.
Cold junction compensation error: ±0.5℃ (±0.9°F)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) at -5 to
+55°C
Start-up time: Approx. 10 sec.
Response time: ≤ 2 sec. (0 – 90 %)
with damping time set to 0
Supply voltage effect: ±0.003 % / 1 V
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @1 minute (input to output)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com