Electronic Components Datasheet Search
  English  ▼

X  

B3PU Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # B3PU
Description  Space-saving Two-wire Signal Conditioners B3-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

B3PU Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  B3PU Datasheet HTML 1Page - M-System Co.,Ltd. B3PU Datasheet HTML 2Page - M-System Co.,Ltd. B3PU Datasheet HTML 3Page - M-System Co.,Ltd. B3PU Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: B3PU
B3PU SPECIFICATIONS
ES-7503 Rev.11 Page 4/4
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
10 11 12
4
5
6
1
2
3
7
8
9
18 [.71]
110.5 [4.35]
(5 [.20])
DIN RAIL
35mm wide
• When mounting, no extra space is needed between units.
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
CJC
Sensor
*1. Short across the terminals 1 & 2 for a resistance or RTD input with 2- or 3-wire connection.
1
4
2
3
5
6
3
2
1
POT
DC mV
A
A
B
B
RTD & Resistance
4-wire
T/C
3-wire
2-wire
A
B
B
A
B
PA
Interface
CPU
Input
Computation
E2PROM
Low Drift
Amplifier
7
8
9
10
11
12
*1
*1
+
–
+
–
+
+
–
–
Isolation
+
–
OUTPUT
(PA Bus)
DP Bus
DP/PA Coupler
Power
Supply
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com