Electronic Components Datasheet Search
  English  ▼

X  

B6UB Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # B6UB
Description  Field-mounted Two-wire Signal Conditioners B6-UNIT SERIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

B6UB Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  B6UB Datasheet HTML 1Page - M-System Co.,Ltd. B6UB Datasheet HTML 2Page - M-System Co.,Ltd. B6UB Datasheet HTML 3Page - M-System Co.,Ltd. B6UB Datasheet HTML 4Page - M-System Co.,Ltd. B6UB Datasheet HTML 5Page - M-System Co.,Ltd. B6UB Datasheet HTML 6Page - M-System Co.,Ltd. B6UB Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL: B6U-B
B6U-B SPECIFICATIONS
ES-7453 Rev.29 Page 3/7
http://www.m-system.co.jp/
OUTPUT SPECIFICATIONS
Output range: 4 – 20 mA DC
Operational range: 3.8 – 21.6 mA
Load resistance vs. supply voltage:
Load Resistance (Ω) = (Supply Voltage (V) – 12 (V))
÷ 0.024 (A)
(including leadwire resistance)
INSTALLATION
Supply voltage
· 12 – 42 V DC (non-approved)
· 12 – 28 V DC (approved)
Operating temperature:
· Non-safety-approved unit: -40 to +85℃ (-40 to +185°F)
· Safety-approved unit: See Safety Parameters for use in a
hazardous location.
· LCD display (full visibility): -30 to +80℃ (-22 to +176°F)
Weight:
· Unit
Approx. 1.3 kg (2.9 lb), aluminium
Approx. 4.0 kg (8.8 lb), stainless steel
· Mounting bracket set (option)
Approx. 0.78 kg (1.72 lb)
PERFORMANCE
Accuracy: See Table 1 and ‘Explanations of Terms.’
Cold junction compensation error: ±0.5℃ (±0.9°F)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) of max. span
at -5 to +55°C [23 to 131°F]
Start-up time: Approx. 8 sec.
Response time: ≤ 2 sec. (0 – 90 %) with damping time
set to 0 and when not communicating via HART.
Supply voltage effect: ±0.003 % × [Output Span] / 1 V
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @1 minute
(input to output to outdoor enclosure)
Safety integrity level: Suitable for use in a safety
instrumented system up to SIL1 or SIL2 if appropriate safety
instructions are observed. Consult M-System.
EXPLANATIONS OF TERMS
■ ACCURACY
This transmitter’s accuracy is theoretically defined as the
addition of A/D and D/A conversion errors:
Accuracy = A/D Conversion Error + D/A Conversion Error
The A/D conversion error means that measured as HART
signal which is A/D converted from the analog input signal.
The D/A conversion error of this transmitter is relatively
very small so that it does not really affect the unit’s overall
performance.
The “Accuracies” given in Table 1 therefore equals the A/D
conversion error.
The temperature drift (coefficient) or the cold junction
compensation error is not included in the “Accuracy.”
■ CALCULATION EXAMPLES OF OVERALL ACCURACY IN %
• DC Voltage
1) 0 – 200 mV
Absolute value accuracy (Table 1): 40 μV
40 μV ÷ 200000 μV × 100 = 0.02 % < 0.1 %
➠ Overall accuracy = ±0.1% of span
2) 0 – 4 mV
Absolute value accuracy (Table 1): 10 μV
10 μV ÷ 4000 μV × 100 = 0.25 % > 0.1%
➠ Overall accuracy = ±0.25 % of span
• Thermocouple
1) K thermocouple, 0 – 1000°C
Absolute value accuracy (Table 1): 0.25°C
0.1% × 1000°C = 1°C > 0.25°C
CJC error (0.5°C) added: 1 + 0.5 = 1.5°C
1.5°C ÷ 1000°C × 100 = 0.15 %
➠ Overall accuracy including CJC error = ±0.15 % of span
2) K thermocouple, 50 – 150°C
Absolute value accuracy (Table 1): 0.25°C
0.1 % × (150 – 50)°C = 0.1°C < 0.25°C
CJC error (0.5°C) added: 0.25 + 0.5 = 0.75°C
0.75°C ÷ (150 – 50)°C × 100 = 0.75 %
➠ Overall accuracy including CJC error = ±0.75 % of span
• RTD
1) Pt 100, -200 – 800°C
Absolute value accuracy (Table 1): 0.15°C
0.15°C ÷ (800 – -200)°C × 100 = 0.015 % < 0.1 %
➠ Overall accuracy = ±0.1 % of span
2) Pt 100, 0 – 100°C
Absolute value accuracy (Table 1): 0.15°C
0.15°C ÷ 100°C × 100 = 0.15 % > 0.1 %
➠ Overall accuracy = ±0.15 % of span
STANDARDS & APPROVALS
EU conformity:
ATEX Directive
Ex ia EN 60079-11 (for ATEX intrinsic safety)
Ex db EN 60079-1 (for ATEX flameproof)
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Immunity Test Item and Criteria
IMMUNITY TEST ITEM
STANDARD NUMBER CRITERIA
Electrostatic discharge
EN/IEC 61000-4-2
±8kV air, ±4kV contact
Electromagnetic elds
EN/IEC 61000-4-3
10V/m at 0.08 to 1 GHz
Electrical fast transient /
burst immunity
EN/IEC 61000-4-4
Signal: ±1kV
Surge
EN/IEC 61000-4-5
Signal: ±1kV line-ground
Conducted RF
EN/IEC 61000-4-6
10Vrms at 0.15 to 80 MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com