Electronic Components Datasheet Search
  English  ▼

X  

B6UB Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # B6UB
Description  Field-mounted Two-wire Signal Conditioners B6-UNIT SERIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

B6UB Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  B6UB Datasheet HTML 1Page - M-System Co.,Ltd. B6UB Datasheet HTML 2Page - M-System Co.,Ltd. B6UB Datasheet HTML 3Page - M-System Co.,Ltd. B6UB Datasheet HTML 4Page - M-System Co.,Ltd. B6UB Datasheet HTML 5Page - M-System Co.,Ltd. B6UB Datasheet HTML 6Page - M-System Co.,Ltd. B6UB Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MODEL: B6U-B
B6U-B SPECIFICATIONS
ES-7453 Rev.29 Page 5/7
http://www.m-system.co.jp/
INPUT TYPE, RANGE & ACCURACY
*1. [Accuracy or ±0.1 % of span, whichever is greater] + Cold Junction Compensation Error
*2. Or ±0.1% of span, whichever is greater.
(For 2- or 3-wire resistance or RTD, the value is valid by the sensor calibration after the wiring is done.)
INPUT TYPE
DC mV & V
MIN.
SPAN
MAXIMUM RANGE
■ INPUT TYPE, RANGE & ACCURACY
Table 1
ACCURACY
Resistance
Potentiometer
THERMOCOUPLE
MIN.
SPAN
MAXIMUM
RANGE
CONFORMANCE
RANGE
ACCURACY
*1
MIN.
SPAN
MAXIMUM
RANGE
CONFORMANCE
RANGE
ACCURACY
*1
RTD
MIN.
SPAN
MAXIMUM RANGE
ACCURACY
*2
MIN.
SPAN
MAXIMUM RANGE
ACCURACY
*2
oC
oC
oF
oF
4 mV
2%
10Ω
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
36
36
36
36
36
36
36
36
36
36
36
36
36
36
36
36
36
36
36
36
36
36
36
36
36
36
Total resistance 80 to 4000Ω
0 to 4000Ω
-50 to +1000 mV
±0.1 %
±0.1 % or ±0.1Ω, whichever is greater.*2
±0.1 % or ±10μV, whichever is greater (F.S. input 50 mV)
±0.1 % or ±40μV, whichever is greater (F.S. input 200 mV)
±0.1 % or ±60μV, whichever is greater (F.S. input 500 mV)
±0.1 % or ±80μV, whichever is greater (F.S. input >500 mV)
±0.15
±0.15
±0.15
±0.15
±0.15
±0.15
±0.15
±0.15
±0.15
±0.15
±0.15
±0.15
±0.50
±0.27
±0.27
±0.27
±0.27
±0.27
±0.27
±0.27
±0.27
±0.27
±0.27
±0.27
±0.27
±0.90
±1.00
±0.25
±0.20
±0.25
±0.25
±0.75
±0.50
±0.50
±0.25
±0.30
±0.20
±0.25
±0.25
±1.80
±0.45
±0.36
±0.45
±0.45
±1.35
±0.90
±0.90
±0.45
±0.54
±0.36
±0.45
±0.45
(PR)
K (CA)
E (CRC)
J (IC)
T (CC)
B (RH)
R
S
C (WRe 5-26)
N
U
L
P (Platinel II)
Pt 100 (JIS '97, IEC)
Pt 200
Pt 300
Pt 400
Pt 500
Pt 1000
Pt 50 Ω (JIS '81)
JPt 100 (JIS '89)
Ni 100
Ni 508.4 Ω
Ni-Fe 604
Cu 10 @25
oC
Ni 120
0 to 1760
-270 to +1370
-270 to +1000
-210 to +1200
-270 to +400
100 to 1820
-50 to +1760
-50 to +1760
0 to 2315
-270 to +1300
-200 to +600
-200 to +900
0 to 1395
0 to 1760
-150 to +1370
-170 to +1000
-180 to +1200
-170 to +400
400 to 1760
200 to 1760
0 to 1760
0 to 2315
-130 to +1300
-200 to +600
-200 to +900
0 to 1395
32 to 3200
-454 to +2498
-454 to +1832
-346 to +2192
-454 to +752
212 to 3308
-58 to +3200
-58 to +3200
32 to 4199
-454 to +2372
-328 to +1112
-328 to +1652
32 to 2543
32 to 3200
-238 to +2498
-274 to +1832
-292 to +2192
-274 to +752
752 to 3200
392 to 3200
32 to 3200
32 to 4199
-202 to +2372
-328 to +1112
-328 to +1652
32 to 2543
-328 to +1562
-328 to +1562
-328 to +1562
-328 to +1562
-328 to +1562
-328 to +1562
-328 to +1200
-328 to +950
-112 to +500
-112 to +500
-58 to +392
-328 to +392
-58 to +482
-200 to +850
-200 to +850
-200 to +850
-200 to +850
-200 to +850
-200 to +850
-200 to +649
-200 to +510
-80 to +260
-80 to +260
-50 to +200
-200 to +200
-50 to +250



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com