Electronic Components Datasheet Search
  English  ▼

X  

B6UB Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # B6UB
Description  Field-mounted Two-wire Signal Conditioners B6-UNIT SERIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

B6UB Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  B6UB Datasheet HTML 1Page - M-System Co.,Ltd. B6UB Datasheet HTML 2Page - M-System Co.,Ltd. B6UB Datasheet HTML 3Page - M-System Co.,Ltd. B6UB Datasheet HTML 4Page - M-System Co.,Ltd. B6UB Datasheet HTML 5Page - M-System Co.,Ltd. B6UB Datasheet HTML 6Page - M-System Co.,Ltd. B6UB Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: B6U-B
B6U-B SPECIFICATIONS
ES-7453 Rev.29 Page 1/7
http://www.m-system.co.jp/
Field-mounted Two-wire Signal Conditioners
B6-UNIT SERIES
2-WIRE UNIVERSAL TEMPERATURE TRANSMITTER
(HART communication, intrinsically safe/explosion-proof)
Functions & Features
• Universal input: mV, V, T/C, RTD, resistance and
potentiometer
• High accuracy
• HART communication
• Intrinsically safe and explosion-proof approval
• Optional stainless steel enclosure
• Programming via hand-held communicator or via PC
• A wide variety of T/C and RTD types
• User’s temperature table can be used
• Self diagnostics
• Input-output isolated
MODEL: B6U–B–[1][2][3][4][5]
ORDERING INFORMATION
• Code number: B6U-B-[1][2][3][4][5]
Specify a code from below for each of [1] through [5].
(e.g. B6U-B-4121)
Use Ordering Information Sheet (No. ESU-7451). Factory
standard setting will be used if not otherwise specified.
Specify the country in which the product is to be used with
the Safety Approval code 2 or 4.
[1] SAFETY APPROVAL
0: None
1: FM intrinsically safe
2: IECEx/ATEX intrinsic safety
3: FM explosion-proof
4: IECEx/ATEX flameproof
5: FM nonincendive
Confirm selectable combinations of approval and wiring
conduit types in the table.
[2] LCD DISPLAY
0: Without
1: With
[3] WIRING CONDUIT
0: G 1/2
1: 1/2 NPT
2: M20 × 1.5
3: PG 13.5
Confirm selectable combinations of approval and wiring
conduit types in the table.
[4] MOUNTING BRACKET
0: Without
1: With
[5] OPTIONS
Enclosure Materials
Blank: Diecast aluminium enclosure
/S: Stainless steel enclosure
■ SELECTABLE WIRING CONDUITS SPECIFIC TO EACH APPROVAL
‘N’ marked combinations are not selectable.
APPROVAL
0
2
4
WIRING CONDUIT
0
Y
N
N
1
Y
Y
Y
2
Y
N
Y
3
Y
N
N
1
3
5
N
Y
Y
N
Y
Y
Y
Y
N
Y
Y
N
RELATED PRODUCTS
• USB interface Bell202 modem (model: COP-HU)
Usable in ‘non-hazardous’ area only.
• Hand-held communicator
• AMS (version 6.0 or higher)
• PC configurator software (model: B6UCFG)
Downloadable at M-System’s web site.
• LCD display (model: B6U-LCD) (non safety approval)
• Lightning Surge Protectors for Electronics Equipment
(Model: MD6x-24)
Refer to the specification of MD6x-24 for surge protection
and safety approval.


Similar Part No. - B6UB

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
B6U MSYSTEM-B6U Datasheet
152Kb / 6P
Field-mounted Two-wire Signal Conditioners B6-UNIT SERIES
B6U-00 MSYSTEM-B6U-00 Datasheet
152Kb / 6P
Field-mounted Two-wire Signal Conditioners B6-UNIT SERIES
B6U-01 MSYSTEM-B6U-01 Datasheet
152Kb / 6P
Field-mounted Two-wire Signal Conditioners B6-UNIT SERIES
B6U-10 MSYSTEM-B6U-10 Datasheet
152Kb / 6P
Field-mounted Two-wire Signal Conditioners B6-UNIT SERIES
B6U-11 MSYSTEM-B6U-11 Datasheet
152Kb / 6P
Field-mounted Two-wire Signal Conditioners B6-UNIT SERIES
More results

Similar Description - B6UB

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
6AC MSYSTEM-6AC Datasheet
101Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6BFN MSYSTEM-6BFN Datasheet
111Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BLC MSYSTEM-6BLC Datasheet
116Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BPA MSYSTEM-6BPA Datasheet
115Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BR MSYSTEM-6BR Datasheet
157Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BSN MSYSTEM-6BSN Datasheet
111Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BTS1 MSYSTEM-6BTS1 Datasheet
119Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6FN MSYSTEM-6FN Datasheet
94Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6PA MSYSTEM-6PA Datasheet
100Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
B6U MSYSTEM-B6U Datasheet
152Kb / 6P
Field-mounted Two-wire Signal Conditioners B6-UNIT SERIES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com