Electronic Components Datasheet Search
  English  ▼

X  

B6UB Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # B6UB
Description  Field-mounted Two-wire Signal Conditioners B6-UNIT SERIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

B6UB Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  B6UB Datasheet HTML 1Page - M-System Co.,Ltd. B6UB Datasheet HTML 2Page - M-System Co.,Ltd. B6UB Datasheet HTML 3Page - M-System Co.,Ltd. B6UB Datasheet HTML 4Page - M-System Co.,Ltd. B6UB Datasheet HTML 5Page - M-System Co.,Ltd. B6UB Datasheet HTML 6Page - M-System Co.,Ltd. B6UB Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MODEL: B6U-B
B6U-B SPECIFICATIONS
ES-7453 Rev.29 Page 4/7
http://www.m-system.co.jp/
RoHS Directive
EN 50581
Safety approval:
FM: Intrinsically safe
Class I, Division 1, Groups A, B, C and D
Class II, Division 1, Groups E, F and G
Class III, Division 1
Class I, Zone 0, AEx ia IIC
T4, T5 and T6
(Class 3600)
(Class 3610)
(ANSI/ISA 60079-0)
(ANSI/ISA 60079-11)
FM: Explosion-proof and Dust-ignition proof
Class I, Division 1, Groups B, C and D
Class II, Division 1, Groups E, F and G
Class III, Division 1
T6
(Class 3600)
(Class 3615)
FM: Nonincendive
Class I, Division 2, Groups A, B, C, and D
Class II, Division 2, Groups F and G
Class III, Division 1
Class I, Zone 2, Group IIC
T4, T5 and T6
(Class 3600)
(Class 3611)
IECEx intrinsic safety
Ex ia IIC T4, T5 and T6 Ga
(IEC 60079-0)
(IEC 60079-11)
IECEx flameproof
Ex db IIC T4, T5 and T6 Gb
(IEC 60079-0)
(IEC 60079-1)
KOSHA: flameproof (Occupational Safety and Health Act)
Ex d IIC T6
(Only available for Model: B6U-B-41****)
ATEX Intrinsic safety
II 1G, Ex ia IIC, T4 , T5 and T6 Ga
(EN 60079-0)
(EN 60079-11)
ATEX Flameproof
II 2G, Ex db IIC, T4, T5 and T6 Gb
(EN 60079-0)
(EN 60079-1)
Functional safety
(IEC 61508-1)
(IEC 61508-2)
(IEC 61511-1)
SAFETY PARAMETERS
Operating temperature
For IECEx, ATEX and FM:
T4: -40 to +80°C
T5: -40 to +65°C
T6: -40 to +50°C (-40 to +80°C for FM explosion-proof)
Ex-data:
• Output circuit
Ui (Vmax): 30 V
Ii (Imax): 96 mA
Pi (Pmax): 720 mW
Ci: 0 μF
Li: 0 mH
• Sensor circuit
Uo (Voc): 6.4 V
Io (Isc): 30 mA
Po: 48 mW
Co (Ca): 20 μF
Lo (La): 10 mH



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com