Electronic Components Datasheet Search
  English  ▼

X  

DAC61402 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DAC61402
Description  DACx1402 Dual, 16-Bit and 12-Bit, High-Voltage-Output DACs With Internal Reference
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC61402 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DAC61402 Datasheet HTML 28Page - Texas Instruments DAC61402 Datasheet HTML 29Page - Texas Instruments DAC61402 Datasheet HTML 30Page - Texas Instruments DAC61402 Datasheet HTML 31Page - Texas Instruments DAC61402 Datasheet HTML 32Page - Texas Instruments DAC61402 Datasheet HTML 33Page - Texas Instruments DAC61402 Datasheet HTML 34Page - Texas Instruments DAC61402 Datasheet HTML 35Page - Texas Instruments DAC61402 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
8.5.2 Daisy-Chain Operation
For systems that contain several devices, the SDO pin can be used to daisy-chain the devices together.
Daisy-chain operation is useful in reducing the number of serial interface lines.The SDO pin must be enabled by
setting the SDO-EN bit before initiating daisy-chain operation.
The first falling edge on the SYNC pin starts the operation cycle (see Figure 8-4). If more than 24 clock pulses
are applied while the SYNC pin is kept low, the data ripple out of the shift register and are clocked out on
the SDO pin, either on the falling edge or rising edge of SCLK according to the FSDO bit. By connecting the
SDO output of the first device to the SDIN input of the next device in the chain, a multiple-device interface is
constructed.
Each device in the daisy-chain system requires 24 clock pulses. As a result the total number of clock cycles
must be equal to 24 × N, where N is the total number of devices in the daisy chain. When the serial transfer to all
devices is complete, the SYNC signal is taken high. This action transfers the data from the SPI shift registers to
the internal register of each device in the daisy chain, and prevents any further data from being clocked into the
input shift register.
1
24
8
9
D23
D16
D15
D0
Device A command
SYNC
SCLK
SDIN
SDO
D23 ± D1
Device B command
D0
25
48
D23 ± D1
NOP
D0
49
72
Device A command
Device B command
Figure 8-4. Serial Interface Daisy-Chain Write Cycle
DAC81402, DAC61402
SLASEH3A – OCTOBER 2020 – REVISED MAY 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC81402 DAC61402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com