Electronic Components Datasheet Search
  English  ▼

X  

DAC61402 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC61402
Description  DACx1402 Dual, 16-Bit and 12-Bit, High-Voltage-Output DACs With Internal Reference
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC61402 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC61402 Datasheet HTML 9Page - Texas Instruments DAC61402 Datasheet HTML 10Page - Texas Instruments DAC61402 Datasheet HTML 11Page - Texas Instruments DAC61402 Datasheet HTML 12Page - Texas Instruments DAC61402 Datasheet HTML 13Page - Texas Instruments DAC61402 Datasheet HTML 14Page - Texas Instruments DAC61402 Datasheet HTML 15Page - Texas Instruments DAC61402 Datasheet HTML 16Page - Texas Instruments DAC61402 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
7.6 Timing Requirements: Write, IOVDD: 1.7 V to 2.7 V
all specifications at TA = –40°C to +125°C, input signals are specified with tR = tF = 1 ns/V (10% to 90% of IOVDD) and timed
from a voltage level of (VIL + VIH) / 2, SDO loaded with 20 pF, 1.7 V ≤ IOVDD < 2.7 V
PARAMETER
MIN
NOM
MAX
UNIT
fSCLK
SCLK frequency
25
MHz
tSCLKHIGH
SCLK high time
20
ns
tSCLKLOW
SCLK low time
20
ns
tSDIS
SDIN setup
10
ns
tSDIH
SDIN hold
10
ns
tCSS
SYNC to SCLK falling edge setup
30
ns
tCSH
SCLK falling edge to SYNC rising edge
10
ns
tCSHIGH
SYNC high time
50
ns
tDACWAIT
Sequential DAC update wait time
2.4
µs
tBCASTWAIT
Broadcast DAC update wait time
4
µs
tLDACAL
SYNC rising edge to LDAC falling edge
80
ns
tLDACW
LDAC low time
20
ns
tCLRW
CLR low time
20
ns
tRSTW
RST low time
20
ns
7.7 Timing Requirements: Write, IOVDD: 2.7 V to 5.5 V
all specifications at TA = –40°C to +125°C, input signals are specified with tR = tF = 1 ns/V (10% to 90% of IOVDD) and timed
from a voltage level of (VIL + VIH) / 2, SDO loaded with 20 pF, 2.7 V ≤ IOVDD ≤ 5.5 V
PARAMETER
MIN
NOM
MAX
UNIT
fSCLK
SCLK frequency
50
MHz
tSCLKHIGH
SCLK high time
10
ns
tSCLKLOW
SCLK low time
10
ns
tSDIS
SDIN setup
5
ns
tSDIH
SDIN hold
5
ns
tCSS
SYNC to SCLK falling edge setup
15
ns
tCSH
SCLK falling edge to SYNC rising edge
5
ns
tCSHIGH
SYNC high time
25
ns
tDACWAIT
Sequential DAC update wait time
2.4
µs
tBCASTWAIT
Broadcast DAC update wait time
4
µs
tLDACAL
SYNC rising edge to LDAC falling edge
40
ns
tLDACW
LDAC low time
20
ns
tCLRW
CLR low time
20
ns
tRSTW
RST low time
20
ns
www.ti.com
DAC81402, DAC61402
SLASEH3A – OCTOBER 2020 – REVISED MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DAC81402 DAC61402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com