Electronic Components Datasheet Search
  English  ▼

X  

DAC61402 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC61402
Description  DACx1402 Dual, 16-Bit and 12-Bit, High-Voltage-Output DACs With Internal Reference
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC61402 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC61402 Datasheet HTML 17Page - Texas Instruments DAC61402 Datasheet HTML 18Page - Texas Instruments DAC61402 Datasheet HTML 19Page - Texas Instruments DAC61402 Datasheet HTML 20Page - Texas Instruments DAC61402 Datasheet HTML 21Page - Texas Instruments DAC61402 Datasheet HTML 22Page - Texas Instruments DAC61402 Datasheet HTML 23Page - Texas Instruments DAC61402 Datasheet HTML 24Page - Texas Instruments DAC61402 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
7.13 Typical Characteristics (continued)
at TA = 25°C, DVDD = 5.0 V, IOVDD = 1.8 V, internal reference enabled, unipolar ranges: AVSS = 0 V and AVDD ≥ VMAX + 1.5
V for the DAC range, bipolar ranges: AVSS ≤ VMIN − 1.5 V and AVDD ≥ VMAX + 1.5 V for the DAC range, and DAC outputs
unloaded (unless otherwise noted)
Figure 7-27. Supply Current (AIDD, AISS)
vs Digital Input Code
Figure 7-28. Supply Current (IIOVDD)
vs Supply Voltage
DAC range: ±20 V
Figure 7-29. Supply Current vs Temperature
DAC range: ±20 V
Figure 7-30. Power-Down Current vs Temperature
Figure 7-31. Headroom and Footroom from Supply
vs Output Current
Figure 7-32. Source and Sink Capability
www.ti.com
DAC81402, DAC61402
SLASEH3A – OCTOBER 2020 – REVISED MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DAC81402 DAC61402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com