Electronic Components Datasheet Search
  English  ▼

X  

DAC61402 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC61402
Description  DACx1402 Dual, 16-Bit and 12-Bit, High-Voltage-Output DACs With Internal Reference
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC61402 Datasheet(HTML) 3 Page - Texas Instruments

  DAC61402 Datasheet HTML 1Page - Texas Instruments DAC61402 Datasheet HTML 2Page - Texas Instruments DAC61402 Datasheet HTML 3Page - Texas Instruments DAC61402 Datasheet HTML 4Page - Texas Instruments DAC61402 Datasheet HTML 5Page - Texas Instruments DAC61402 Datasheet HTML 6Page - Texas Instruments DAC61402 Datasheet HTML 7Page - Texas Instruments DAC61402 Datasheet HTML 8Page - Texas Instruments DAC61402 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
5 Device Comparison Table
DEVICE
RESOLUTION
DAC81402
16-Bit
DAC61402
12-Bit
6 Pin Configuration and Functions
1
NC
24
NC
2
NC
23
NC
3
NC
22
NC
4
NC
21
NC
5
SENSENA
20
SENSENB
6
SENSEPA
19
SENSEPB
7
CCOMPA
18
CCOMPB
8
OUTA
17
OUTB
No t to scale
Th ermal pad
Figure 6-1. RHB (32-pin VQFN) Package, Top View
Table 6-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
NC
—
No connection.
2
NC
—
No connection.
3
NC
—
No connection.
4
NC
—
No connection.
5
SENSENA
Input
Channel-A sense pin for the negative voltage output load connection.
6
SENSEPA
Input
Channel-A sense pin for the positive voltage output load connection.
7
CCOMPA
Input
Channel-A external compensation capacitor connection pin.
The addition of an external capacitor improves the output buffer stability with high capacitive
loads at the OUTA pin by reducing the bandwidth of the output amplifier at the expense of
increased settling time.
8
OUTA
Output
Channel-A analog output voltage.
9
SDO
Output
Serial interface data output.
The SDO pin must be enabled before operation by setting the SDO-EN bit. Data are clocked out
of the input shift register on either rising or falling edges of the SCLK pin as specified by the
FSDO bit (rising edge by default).
10
SCLK
Input
Serial interface clock.
11
SDIN
Input
Serial interface data input. Data are clocked into the input shift register on each falling edge of the
SCLK pin.
www.ti.com
DAC81402, DAC61402
SLASEH3A – OCTOBER 2020 – REVISED MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: DAC81402 DAC61402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com