Electronic Components Datasheet Search
  English  ▼

X  

OPA189 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA189
Description  OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA189 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA189 Datasheet HTML 12Page - Texas Instruments OPA189 Datasheet HTML 13Page - Texas Instruments OPA189 Datasheet HTML 14Page - Texas Instruments OPA189 Datasheet HTML 15Page - Texas Instruments OPA189 Datasheet HTML 16Page - Texas Instruments OPA189 Datasheet HTML 17Page - Texas Instruments OPA189 Datasheet HTML 18Page - Texas Instruments OPA189 Datasheet HTML 19Page - Texas Instruments OPA189 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
7.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
-140
-120
-100
-80
-60
-40
0.00001
0.0001
0.001
0.01
0.1
1
20
200
2k
20k
Frequency (Hz)
G = -1, 2k-
Load
G = -1, 600-
Load
G = -1, 10k-
Load
G = +1, 2k-
Load
G = +1, 600-
Load
G = +1, 10k-
Load
C004
VOUT = 3.5 V
VRMS, BW = 90 kHz
Figure 7-19. THD+N Ratio vs Frequency
-140
-120
-100
-80
-60
-40
0.00001
0.0001
0.001
0.01
0.1
1
0.01
0.1
1
10
Output Amplitude (V
RMS)
G = -1, 600-
Load
G = -1, 2k-
Load
G = -1, 10k-
Load
G = +1, 600-
Load
G = +1, 2k-
Load
G = +1, 10k-
Load
C004
f = 1 kHz,
BW = 90 kHz
Figure 7-20. THD+N vs Output Amplitude
0
0.3
0.6
0.9
1.2
1.5
0
9
18
27
36
Supply Voltage (V)
C001
V
S = 4.5 V
Figure 7-21. Quiescent Current vs Supply Voltage
0
0.5
1
1.5
2
±75
±50
±25
0
25
50
75
100
125
150
Temperature (ƒC)
C001
V
S = ± 18 V
V
S = ± 2.25 V
Figure 7-22. Quiescent Current vs Temperature
0.001
0.01
0.1
1
120
130
140
150
160
170
180
±50
±25
0
25
50
75
100
125
Temperature (ƒC)
C001
V
S = ± 18 V
V
S = ± 2.25
10-kΩ Load
Figure 7-23. Open-Loop Gain vs Temperature
0.001
0.01
0.1
1
120
130
140
150
160
170
180
±50
±25
0
25
50
75
100
125
Temperature (ƒC)
C001
V
S = ± 18 V
V
S = ± 2.25
2-kΩ Load
Figure 7-24. Open-Loop Gain vs Temperature
OPA189, OPA2189, OPA4189
SBOS830G – SEPTEMBER 2017 – REVISED APRIL 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA189 OPA2189 OPA4189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com