Electronic Components Datasheet Search
  English  ▼

X  

OPA189 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA189
Description  OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA189 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA189 Datasheet HTML 17Page - Texas Instruments OPA189 Datasheet HTML 18Page - Texas Instruments OPA189 Datasheet HTML 19Page - Texas Instruments OPA189 Datasheet HTML 20Page - Texas Instruments OPA189 Datasheet HTML 21Page - Texas Instruments OPA189 Datasheet HTML 22Page - Texas Instruments OPA189 Datasheet HTML 23Page - Texas Instruments OPA189 Datasheet HTML 24Page - Texas Instruments OPA189 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
8.3 Feature Description
The OPAx189 series of op amps can be used with single or dual supplies from an operating range of VS = 4.5
V (±2.25 V) up to VS = 36 V (±18 V). These devices do not require symmetrical supplies; they only require a
minimum supply voltage of 4.5 V (±2.25 V). For VS less than ±2.5 V, the
common-mode input range does not include midsupply. Supply voltages higher than 40 V can permanently
damage the device; see the Absolute Maximum Ratings table for details. Key parameters are given over the
specified temperature range, TA = –40°C to +125°C, in the Electrical Characteristics table. Key parameters that
vary over the supply voltage, temperature range, or frequency are shown in the Typical Characteristics section.
The OPAx189 is unity-gain stable and free from unexpected output phase reversal. This device uses a
proprietary, periodic autocalibration technique to provide low input offset voltage and very low input offset
voltage drift over time and temperature. For lowest offset voltage and precision performance, optimize circuit
layout and mechanical conditions. Avoid temperature gradients that create thermoelectric (Seebeck) effects in
the thermocouple junctions formed from connecting dissimilar conductors. Cancel these thermally-generated
potentials by ensuring they are equal on both input pins. Other layout and design considerations include:
• Use low thermoelectric-coefficient conditions (avoid dissimilar metals).
• Thermally isolate components from power supplies or other heat sources.
• Shield operational amplifier and input circuitry from air currents, such as cooling fans.
Follow these guidelines to reduce the likelihood of junctions being at different temperatures, which may cause
thermoelectric voltages of 0.1 µV/°C or higher, depending on the materials used. See the Layout Guidelines
section for details and a layout example.
8.3.1 Operating Characteristics
The OPAx189 is specified for operation from 4.5 V to 36 V (±2.25 V to ±18 V). Many specifications apply from –
40°C to +125°C. Parameters that can exhibit significant variance with regard to operating voltage or temperature
are presented in the Typical Characteristics section.
8.3.2 Phase-Reversal Protection
The OPAx189 has an internal phase-reversal protection. Many op amps exhibit a phase reversal when the
input is driven beyond the linear common-mode range. This condition is most often encountered in noninverting
circuits when the input is driven beyond the specified common-mode voltage range, causing the output to
reverse into the opposite rail. The OPAx189 input prevents phase reversal with excessive common-mode
voltage. Instead, the output limits into the appropriate rail. This performance is shown in Figure 8-1.
Time (1 ms/div)
Vout (V)
Vin (V)
C017
Figure 8-1. No Phase Reversal
www.ti.com
OPA189, OPA2189, OPA4189
SBOS830G – SEPTEMBER 2017 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA189 OPA2189 OPA4189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com