Electronic Components Datasheet Search
  English  ▼

X  

OPA189 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # OPA189
Description  OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA189 Datasheet(HTML) 29 Page - Texas Instruments

Back Button OPA189 Datasheet HTML 25Page - Texas Instruments OPA189 Datasheet HTML 26Page - Texas Instruments OPA189 Datasheet HTML 27Page - Texas Instruments OPA189 Datasheet HTML 28Page - Texas Instruments OPA189 Datasheet HTML 29Page - Texas Instruments OPA189 Datasheet HTML 30Page - Texas Instruments OPA189 Datasheet HTML 31Page - Texas Instruments OPA189 Datasheet HTML 32Page - Texas Instruments OPA189 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
9.2.1.2 Detailed Design Procedure
The infinite-gain multiple-feedback circuit for a low-pass network function is shown in Figure 9-1. Use Equation 1
to calculate the voltage transfer function.
1 3
2
5
2
2
1
3
4
3
4
2
5
1 R R C C
Output
s
Input
s
s C
1 R
1 R
1 R
1 R R C C
(1)
This circuit produces a signal inversion. For this circuit, the gain at dc and the low-pass cutoff frequency are
calculated by Equation 2:
4
1
C
3
4
2
5
R
Gain
R
1
f
1 R R C C
2S
(2)
Software tools are readily available to simplify filter design. WEBENCH® Filter Designer is a simple, powerful,
and easy-to-use active filter design program. The WEBENCH® Filter Designer lets the user create optimized
filter designs using a selection of TI operational amplifiers and passive components from TI's vendor partners.
Available as a web based tool from the WEBENCH Design Center, WEBENCH Filter Designer allows board-
level designers to create, optimize, and simulate complete multistage active filter solutions within minutes.
9.2.1.3 Application Curve
Frequency (Hz)
-60
-40
-20
0
20
100
1k
10k
100k
1M
Figure 9-2. OPAx189 Second-Order, 25-kHz, Chebyshev, Low-Pass Filter
www.ti.com
OPA189, OPA2189, OPA4189
SBOS830G – SEPTEMBER 2017 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: OPA189 OPA2189 OPA4189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com