Electronic Components Datasheet Search
  English  ▼

X  

OPA189 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA189
Description  OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA189 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA189 Datasheet HTML 13Page - Texas Instruments OPA189 Datasheet HTML 14Page - Texas Instruments OPA189 Datasheet HTML 15Page - Texas Instruments OPA189 Datasheet HTML 16Page - Texas Instruments OPA189 Datasheet HTML 17Page - Texas Instruments OPA189 Datasheet HTML 18Page - Texas Instruments OPA189 Datasheet HTML 19Page - Texas Instruments OPA189 Datasheet HTML 20Page - Texas Instruments OPA189 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
7.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Frequency (Hz)
100
1k
10k
100k
1M
10M
100M
1
10
100
1k
Zotc
Figure 7-25. Open-Loop Output Impedance vs Frequency
0
5
10
15
20
25
30
35
40
45
50
55
60
65
10
100
1000
Capacitive Load (pF)
C004
10-mV Step
Figure 7-26. Small-Signal Overshoot vs Capacitive Load
Time (1 ms/div)
Vout (V)
Vin (V)
C017
Figure 7-27. No Phase Reversal
Time (0.2 µs/div)
C017
V
IN
V
OUT
Figure 7-28. Positive Overload Recovery
Time (0.2 µs/div)
C017
V
OUT
V
IN
Figure 7-29. Negative Overload Recovery
Time (500 ns/div)
Input
Output
C017
10-mV Step
G = +1
Figure 7-30. Small-Signal Step Response
www.ti.com
OPA189, OPA2189, OPA4189
SBOS830G – SEPTEMBER 2017 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA189 OPA2189 OPA4189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com