Electronic Components Datasheet Search
  English  ▼

X  

ADAQ7980 Datasheet(PDF) 32 Page - Analog Devices

Part # ADAQ7980
Description  16-Bit, 2 MSPS, 關Module Data Acquisition Solution
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ7980 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADAQ7980 Datasheet HTML 28Page - Analog Devices ADAQ7980 Datasheet HTML 29Page - Analog Devices ADAQ7980 Datasheet HTML 30Page - Analog Devices ADAQ7980 Datasheet HTML 31Page - Analog Devices ADAQ7980 Datasheet HTML 32Page - Analog Devices ADAQ7980 Datasheet HTML 33Page - Analog Devices ADAQ7980 Datasheet HTML 34Page - Analog Devices ADAQ7980 Datasheet HTML 35Page - Analog Devices ADAQ7980 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Data Sheet
ADAQ4001
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 32 of 38
3-WIRE CS MODE WITH THE BUSY INDICATOR
To connect a single ADAQ4001 device to an SPI-compatible digital
host that has an interrupt input (IRQ), use 3-wire CS mode with the
busy indicator.
Figure 60 shows the connection diagram, and Figure 61 shows the
corresponding timing diagram.
When SDI is connected to VIO, a rising edge on CNV initiates
a conversion, selects the CS mode, and forces SDO to high impe-
dance. SDO is maintained in high impedance until the completion
of the conversion irrespective of the state of CNV. Prior to the
minimum conversion time, CNV can select other SPI devices, such
as analog multiplexers. However, CNV must be returned low before
the minimum conversion time elapses and then held low for the
maximum possible conversion time to guarantee the generation of
the busy signal indicator.
When the conversion completes, SDO goes from high impedance
to low impedance. With a pull-up resistor of 1 kΩ on the SDO line,
this transition can be used as an interrupt signal to initiate the data
reading controlled by the digital host. The ADAQ4001 then enters
the acquisition phase and powers down. The data bits are then
clocked out, MSB first, by subsequent SCK falling edges. The data
is valid on both SCK edges. Although the rising edge can capture
the data, a digital host using the SCK falling edge allows a faster
reading rate, provided that the digital host has an acceptable hold
time. After the optional 17th SCK falling edge or when CNV goes
high (whichever occurs first), SDO returns to high impedance.
If multiple ADAQ4001 devices are selected at the same time, the
SDO output pin handles this contention without damage or induced
latch-up. Meanwhile, it is recommended to keep this contention as
short as possible to limit extra power dissipation.
There must not be any digital activity on the SCK during the
conversion.
Figure 60. 3-Wire CS Mode with the Busy Indicator Connection Diagram (SDI High)
Figure 61. 3-Wire CS Mode with the Busy Indicator Serial Interface Timing Diagram (SDI High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com