Electronic Components Datasheet Search
  English  ▼

X  

ADAQ7980 Datasheet(PDF) 13 Page - Analog Devices

Part # ADAQ7980
Description  16-Bit, 2 MSPS, 關Module Data Acquisition Solution
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ7980 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADAQ7980 Datasheet HTML 9Page - Analog Devices ADAQ7980 Datasheet HTML 10Page - Analog Devices ADAQ7980 Datasheet HTML 11Page - Analog Devices ADAQ7980 Datasheet HTML 12Page - Analog Devices ADAQ7980 Datasheet HTML 13Page - Analog Devices ADAQ7980 Datasheet HTML 14Page - Analog Devices ADAQ7980 Datasheet HTML 15Page - Analog Devices ADAQ7980 Datasheet HTML 16Page - Analog Devices ADAQ7980 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Data Sheet
ADAQ4001
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 13 of 38
VS+ = 5.5 V, VS− = 0 V, VDD = 1.8 V, VIO = 3.3 V, VREF = 5 V, TA = 25°C, high-Z mode disabled, span compression disabled, turbo mode
enabled, and fS = 2 MSPS, unless otherwise noted.
Figure 5. INL vs. Code for Various Temperatures, VREF = 5 V, G = 0.454
Figure 6. Histogram of a DC Input at the Code Transition, VREF = 2.5 V and
VREF = 5 V
Figure 7. Transition Noise vs. Temperature for G = 0.454, G = 0.909, G = 1,
and G = 1.9 and VREF = 5 V and VREF = 2.5 V
Figure 8. DNL vs. Code for Various Temperatures, VREF = 5 V, G = 0.454
Figure 9. Histogram of a DC Input at the Code Center, VREF = 2.5 V and
VREF = 5 V
Figure 10. ADC Driver Open-Loop Gain and Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com