Electronic Components Datasheet Search
  English  ▼

X  

ADAQ7980 Datasheet(PDF) 21 Page - Analog Devices

Part # ADAQ7980
Description  16-Bit, 2 MSPS, 關Module Data Acquisition Solution
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ7980 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADAQ7980 Datasheet HTML 17Page - Analog Devices ADAQ7980 Datasheet HTML 18Page - Analog Devices ADAQ7980 Datasheet HTML 19Page - Analog Devices ADAQ7980 Datasheet HTML 20Page - Analog Devices ADAQ7980 Datasheet HTML 21Page - Analog Devices ADAQ7980 Datasheet HTML 22Page - Analog Devices ADAQ7980 Datasheet HTML 23Page - Analog Devices ADAQ7980 Datasheet HTML 24Page - Analog Devices ADAQ7980 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Data Sheet
ADAQ4001
THEORY OF OPERATION
analog.com
Rev. 0 | 21 of 38
CIRCUIT INFORMATION
The ADAQ4001 SiP is a fast, precision DAQ signal chain that uses
SAR architecture. As shown in Figure 1, the ADAQ4001 μModule
DAQ solution contains a high bandwidth, fully differential ADC
driver, a low noise reference buffer, and a 16-bit SAR ADC, along
with the critical precision passive components required to achieve
optimized performance with pin-selectable gain options of 0.454,
0.909, 1, or 1.9. All active components in the circuit, including
iPassives thin film resistors with ±0.005% matching, are designed
by Analog Devices and are factory calibrated to achieve a high
degree of specified accuracy and minimize temperature dependent
error sources.
The ADAQ4001 is capable of converting 2,000,000 samples per
second (2 MSPS). The ADAQ4001 has a valid first conversion after
being powered down for long periods that can reduce power con-
sumed in applications where the ADC does not convert constantly.
The ADAQ4001 offers a significant reduction in form factor and total
cost of ownership compared to traditional discrete signal chains
from a selection of individual components, PCB size, and manufac-
turing perspective, while still providing the flexibility to adapt to a
wide array of applications.
The ADAQ4001 incorporates a fully differential, high speed ADC
driver with integrated precision resistors. The precision resistors
can be pin strapped to achieve different gains for the fully differen-
tial ADC driver, which allows the user to match the input signal
range. The fully differential ADC driver can be used in a differential
manner or to perform a single-ended to differential conversion for a
single-ended input.
The fast conversion time of the ADAQ4001, along with turbo mode,
allows low clock rates to read back conversions, even when the
ADAQ4001 is running at its maximum throughput rate. Note that
for the ADAQ4001, the full throughput rate of 2 MSPS can be
achieved only with turbo mode enabled. Because the ADAQ4001
has on-board conversion clocks, the serial clock (SCK) is not
required for the conversion process.
The ADAQ4001 interfaces to any 1.8 V to 5 V digital logic family.
The device is housed in a 7 mm × 7 mm, 0.80 mm pitch, 49-ball
CSP_BGA that provides significant space savings and allows flexi-
ble configurations.
TRANSFER FUNCTIONS
The ideal transfer characteristics for the ADAQ4001 are shown in
Figure 40 and Table 10.
Figure 40. ADC Ideal Transfer Function (FSR Is Full-Scale Range)
Table 10. Output Codes and Ideal Input Voltages
Description
Analog Inputs
Digital Output Code1
(Twos Complement, Hex)
Span Compression Disabled
Span Compression Enabled
FSR − 1 LSB
(32,767 × VREF)/(32,768 × G)
(32,767 × 0.8 × VREF)/(32,768 × G)
0x7FFF2
Midscale + 1 LSB
VREF/(32,768 × G)
0.8 × VREF/(32,768 × G)
0x0001
Midscale
0 V
0 V
0x0000
Midscale − 1 LSB
−VREF/(32,768 × G)
−0.8 × VREF/(32,768 × G)
0xFFFF
−FSR + 1 LSB
−(32,767 × VREF)/(32,768 × G)
−(32,767 × 0.8 × VREF)/(32,768 × G)
0x8001
−FSR
−VREF × G
−0.8 × VREF × G
0x80003
1 This output code assumes that the negative input, IN−, of the ADC driver is being driven.
2 This output code is also the code for an overranged analog input (IN+ − IN− above VREF with the span compression disabled and above 0.8 × VREF with the span
compression enabled).
3 This output code is also the code for an underranged analog input (IN+ − IN− below −VREF with the span compression disabled and below 0.8 × −VREF with the span
compression enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com