Electronic Components Datasheet Search
  English  ▼

X  

ADGS1208 Datasheet(PDF) 7 Page - Analog Devices

Part # ADGS1208
Description  SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1208 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADGS1208 Datasheet HTML 3Page - Analog Devices ADGS1208 Datasheet HTML 4Page - Analog Devices ADGS1208 Datasheet HTML 5Page - Analog Devices ADGS1208 Datasheet HTML 6Page - Analog Devices ADGS1208 Datasheet HTML 7Page - Analog Devices ADGS1208 Datasheet HTML 8Page - Analog Devices ADGS1208 Datasheet HTML 9Page - Analog Devices ADGS1208 Datasheet HTML 10Page - Analog Devices ADGS1208 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Data Sheet
ADGS1208/ADGS1209
Rev. 0 | Page 7 of 33
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
−3 dB Bandwidth
RL = 50 Ω, CL = 5 pF,
see Figure 37
ADGS1208
450
MHz typ
ADGS1209
550
MHz typ
Insertion Loss
−12
dB typ
RL = 50 Ω, CL = 5 pF,
f = 1 MHz, see Figure 37
CS (Off)
1.2
pF typ
VS = 0 V, f = 1 MHz
1.8
pF max
VS = 0 V, f = 1 MHz
CD (Off)
ADGS1208
6
pF typ
VS = 0 V, f = 1 MHz
6.5
pF max
VS = 0 V, f = 1 MHz
ADGS1209
3.2
pF typ
VS = 0 V, f = 1 MHz
4
pF max
VS = 0 V, f = 1 MHz
CD (On), CS (On)
ADGS1208
6
pF typ
VS = 0 V, f = 1 MHz
7
pF max
VS = 0 V, f = 1 MHz
ADGS1209
4
pF typ
VS = 0 V, f = 1 MHz
4.5
pF max
VS = 0 V, f = 1 MHz
POWER REQUIREMENTS
VDD = 13.2 V
IDD
0.002
µA typ
All switches open
1.0
µA max
220
µA typ
All switches closed, VL = 5.5 V
380
µA max
270
µA typ
All switches closed, VL = 2.7 V
440
µA max
IL
Inactive
6.3
µA typ
Digital inputs = 0 V or VL
8.0
µA max
Inactive, SCLK = 1 MHz
14
µA typ
CS = VL and SDI = 0 V or VL,
VL = 5 V
7
µA typ
CS = VL and SDI = 0 V or VL,
VL = 3 V
SCLK = 50 MHz
390
µA typ
CS = VL and SDI = 0 V or VL,
VL = 5 V
210
µA typ
CS = VL and SDI = 0 V or VL,
VL = 3 V
Inactive, SDI = 1 MHz
15
µA typ
CS and SCLK = 0 V or VL,
VL = 5 V
7.5
µA typ
CS and SCLK = 0 V or VL,
VL = 3 V
SDI = 25 MHz
230
µA typ
CS and SCLK = 0 V or VL,
VL = 5 V
120
µA typ
CS and SCLK = 0 V or VL,
VL = 3 V
Active at 50 MHz
1.8
mA typ
Digital inputs toggle between
0 V and VL, VL = 5.5 V
2.1
mA max
0.7
mA typ
Digital inputs toggle between
0 V and VL, VL = 2.7 V
1.0
mA max
VDD
5
V min
GND = 0 V, VSS = 0 V
16.5
V max
GND = 0 V, VSS = 0 V
1
Guaranteed by design; not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com