Electronic Components Datasheet Search
  English  ▼

X  

ADGS1208 Datasheet(PDF) 1 Page - Analog Devices

Part # ADGS1208
Description  SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1208 Datasheet(HTML) 1 Page - Analog Devices

  ADGS1208 Datasheet HTML 1Page - Analog Devices ADGS1208 Datasheet HTML 2Page - Analog Devices ADGS1208 Datasheet HTML 3Page - Analog Devices ADGS1208 Datasheet HTML 4Page - Analog Devices ADGS1208 Datasheet HTML 5Page - Analog Devices ADGS1208 Datasheet HTML 6Page - Analog Devices ADGS1208 Datasheet HTML 7Page - Analog Devices ADGS1208 Datasheet HTML 8Page - Analog Devices ADGS1208 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
SPI Interface, Low CON and QINJ, ±15 V/+12 V,
1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
Data Sheet
ADGS1208/ADGS1209
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
SPI interface with error detection
Includes CRC, invalid read/write address, and SCLK count
error detection
Supports burst mode and daisy-chain mode
Industry standard SPI Mode 0 and SPI Mode 3 interface
compatible
Round robin mode allows switching times that are
comparable with a parallel interface
Four general-purpose digital outputs that can be used to
control other devices
<1 pC charge injection over full signal range
1 pF off capacitance
VSS to VDD analog signal range
Fully specified at ±15 V and +12 V
1.8 V logic compatibility with 2.7 V ≤ VL ≤ 3.3 V
24-lead LFCSP package
APPLICATIONS
Audio and video routing
Automatic test equipment
Data acquisition systems
Battery-powered systems
Sample-and-hold systems
Communication systems
GENERAL DESCRIPTION
The ADGS1208/ADGS1209 are analog multiplexers comprising
eight single channels and four differential channels, respectively. A
serial peripheral interface (SPI) controls the switches. The SPI
interface has robust error detection features, such as cyclic
redundancy check (CRC) error detection, invalid read/write
address detection, and SCLK count error detection.
It is possible to daisy-chain multiple ADGS1208/ADGS1209
devices together. Daisy-chain mode enables the configuration of
multiple devices with a minimal amount of digital lines. The
ADGS1208/ADGS1209 can also operate in burst mode to
decrease the time between SPI commands.
iCMOS® construction ensures ultralow power dissipation,
making the devices ideally suited for portable and battery-
powered instruments.
Each switch conducts equally well in both directions when on,
and each switch has an input signal range that extends to the
supplies. In the off condition, signal levels up to the supplies
are blocked.
FUNCTIONAL BLOCK DIAGRAMS
ADGS1208
S1
S8
GPO1
CNV
SDO
GPO2
GPO3
GPO4
D
SPI
INTERFACE
SCLK
SDI
CS RESET/VL
Figure 1. ADGS1208 Functional Block Diagram
GPO1
CNV
SDO
GPO2
GPO3
GPO4
SPI
INTERFACE
SCLK
SDI
CS RESET/VL
ADGS1209
S1A
S4B
DA
DB
S4A
S1B
Figure 2. ADGS1209 Functional Block Diagram
The ultralow on capacitance (CON) and exceptionally low charge
injection (QINJ) of these multiplexers make them ideal solutions
for data acquisition and sample-and-hold applications, where
low glitch and fast settling are required.
PRODUCT HIGHLIGHTS
1.
SPI interface removes the need for parallel conversion,
logic traces, and reduces GPIO channel count.
2.
Daisy-chain mode removes additional logic traces when
multiple devices are used.
3.
CRC error detection, invalid read/write address detection,
and SCLK count error detection ensure a robust digital
interface.
4.
CRC and error detection capabilities allow the use of the
ADGS1208/ADGS1209 in safety critical systems.


Similar Part No. - ADGS1208

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADGS1212 AD-ADGS1212 Datasheet
648Kb / 24P
SPI Interface, Quad SPST Switch, Low QINJ, Low CON, 짹15 V/12 V, Mux Configurable
9/2017-Revision 0
ADGS1212BCPZ AD-ADGS1212BCPZ Datasheet
648Kb / 24P
SPI Interface, Quad SPST Switch, Low QINJ, Low CON, 짹15 V/12 V, Mux Configurable
9/2017-Revision 0
ADGS1212BCPZ-RL7 AD-ADGS1212BCPZ-RL7 Datasheet
648Kb / 24P
SPI Interface, Quad SPST Switch, Low QINJ, Low CON, 짹15 V/12 V, Mux Configurable
9/2017-Revision 0
More results

Similar Description - ADGS1208

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
logo
Texas Instruments
TMUX6211 TI-TMUX6211 Datasheet
909Kb / 26P
TMUX621x 36-V, Low-Ron, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
TMUX7308F TI-TMUX7308F Datasheet
1Mb / 34P
TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
TMUX7411F TI-TMUX7411F Datasheet
1Mb / 30P
TMUX741xF 짹60 V Fault-protected, 1:1 (SPST), 4-Channel Switches with 1.8-V Logic
logo
Analog Devices
ADGS1212 AD-ADGS1212 Datasheet
648Kb / 24P
SPI Interface, Quad SPST Switch, Low QINJ, Low CON, 짹15 V/12 V, Mux Configurable
9/2017-Revision 0
ADGS1408 AD-ADGS1408 Datasheet
498Kb / 34P
SPI Interface, 4 廓 RON, 짹15 V/12 V/짹5 V, 1.8 V Logic Control, 8:1/Dual 4:1 Muxes
6/2018-Revision 0
logo
Texas Instruments
TMUX7308F TI-TMUX7308F_V01 Datasheet
1Mb / 40P
TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
OCTOBER 2021
TMUX7612 TI1-TMUX7612 Datasheet
1Mb / 34P
TMUX7612 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023
TMUX6221 TI-TMUX6221_V01 Datasheet
1Mb / 35P
TMUX622x 36 V, Low-RON, 1:1 (SPST), 2-Channel Switches with 1.8-V Logic
REVISED SEPTEMBER 2023
TMUX7612 TI-TMUX7612_V01 Datasheet
1Mb / 38P
TMUX7612 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com