Electronic Components Datasheet Search
  English  ▼

X  

ADGS1208 Datasheet(PDF) 8 Page - Analog Devices

Part # ADGS1208
Description  SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1208 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADGS1208 Datasheet HTML 4Page - Analog Devices ADGS1208 Datasheet HTML 5Page - Analog Devices ADGS1208 Datasheet HTML 6Page - Analog Devices ADGS1208 Datasheet HTML 7Page - Analog Devices ADGS1208 Datasheet HTML 8Page - Analog Devices ADGS1208 Datasheet HTML 9Page - Analog Devices ADGS1208 Datasheet HTML 10Page - Analog Devices ADGS1208 Datasheet HTML 11Page - Analog Devices ADGS1208 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
ADGS1208/ADGS1209
Data Sheet
Rev. 0 | Page 8 of 33
CONTINUOUS CURRENT PER CHANNEL, Sx OR Dx
Table 3. ADGS1208, One Channel On
Parameter
25°C
85°C
125°C
Unit
CONTINUOUS CURRENT, Sx OR D1
VDD = +15 V, VSS = −15 V (θJA = 63.1°C/W)
29.3
21.9
14.1
mA max
VDD = 12 V, VSS = 0 V (θJA = 63.1°C/W)
37.7
27.3
19
mA max
1
Sx refers to the S1 to S8 pins.
Table 4. ADGS1209, Two Channels On
Parameter
25°C
85°C
125°C
Unit
CONTINUOUS CURRENT, Sx OR Dx1
VDD = +15 V, VSS = −15 V (θJA = 63.1°C/W)
21.8
16.1
9.9
mA max
VDD = 12 V, VSS = 0 V (θJA = 63.1°C/W)
28.2
21.2
13.4
mA max
1
Sx refers to the S1A to S4A and S1B to S4B pins, and Dx refers to the DA and DB pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com