Electronic Components Datasheet Search
  English  ▼

X  

ADGS1208 Datasheet(PDF) 10 Page - Analog Devices

Part # ADGS1208
Description  SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1208 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADGS1208 Datasheet HTML 6Page - Analog Devices ADGS1208 Datasheet HTML 7Page - Analog Devices ADGS1208 Datasheet HTML 8Page - Analog Devices ADGS1208 Datasheet HTML 9Page - Analog Devices ADGS1208 Datasheet HTML 10Page - Analog Devices ADGS1208 Datasheet HTML 11Page - Analog Devices ADGS1208 Datasheet HTML 12Page - Analog Devices ADGS1208 Datasheet HTML 13Page - Analog Devices ADGS1208 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
ADGS1208/ADGS1209
Data Sheet
Rev. 0 | Page 10 of 33
t1
t2
t3
t4
t5
t8
t9
t10
t6
t7
CS
SCLK
SDI
SDO
INPUT BYTE FOR DEVICE N + 1
ZERO BYTE
INPUT BYTE FOR DEVICE N
D7
D6
D0
D7
D6
D1
D0
0
0
0
D7
D6
D1
D0
INPUT BYTE FOR DEVICE N
Figure 4. Daisy Chain Timing Diagram
SCLK OR CNV
CS
t11
t12
t13
Figure 5. SCLK or CNV and CS Timing Diagram
CNV
MUX
CHANNEL
S1
S2
S(LAST)
SDO
RESYNC
CS
t3
t2
t1
t4
t9
t7
t10
Figure 6. Round Robin Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com