Electronic Components Datasheet Search
  English  ▼

X  

ADGS5414 Datasheet(PDF) 18 Page - Analog Devices

Part # ADGS5414
Description  SPI Interface, Octal SPST Switches, 13.5 廓 RON, 짹20 V/36 V, Mux
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS5414 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADGS5414 Datasheet HTML 14Page - Analog Devices ADGS5414 Datasheet HTML 15Page - Analog Devices ADGS5414 Datasheet HTML 16Page - Analog Devices ADGS5414 Datasheet HTML 17Page - Analog Devices ADGS5414 Datasheet HTML 18Page - Analog Devices ADGS5414 Datasheet HTML 19Page - Analog Devices ADGS5414 Datasheet HTML 20Page - Analog Devices ADGS5414 Datasheet HTML 21Page - Analog Devices ADGS5414 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
ADGS5414
Data Sheet
Rev. 0 | Page 18 of 30
Figure 24. tON and tOFF Times vs. Temperature
Figure 25. IDD vs. VL
Figure 26. Digital Feedthrough
Figure 27. IL vs. SCLK Frequency when CS is High
500
0
100
200
300
400
50
150
250
350
450
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
15V DS,
tON
15V DS,
tOFF
20V DS,
tON
20V DS,
tOFF
12V SS,
tON
12V SS,
tOFF
36V SS,
tON
36V SS,
tOFF
120
100
80
60
40
20
0
2.7
5.5
5.0
4.5
4.0
3.5
3.0
VL (V)
TA = 25°C
IDD WITH ONE SWITCH CLOSED
VL
+12V
±15V
±20V
+36V
0.5
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
02468
TIME (µs)
SCLK = 2.5MHz
SCLK IDLE
0
50
100
150
200
250
300
350
400
450
0
10
20304050
SCLK FREQUENCY (MHz)
VL = 5V
VL = 3V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com