Electronic Components Datasheet Search
  English  ▼

X  

ADGS5414 Datasheet(PDF) 20 Page - Analog Devices

Part # ADGS5414
Description  SPI Interface, Octal SPST Switches, 13.5 廓 RON, 짹20 V/36 V, Mux
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS5414 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADGS5414 Datasheet HTML 16Page - Analog Devices ADGS5414 Datasheet HTML 17Page - Analog Devices ADGS5414 Datasheet HTML 18Page - Analog Devices ADGS5414 Datasheet HTML 19Page - Analog Devices ADGS5414 Datasheet HTML 20Page - Analog Devices ADGS5414 Datasheet HTML 21Page - Analog Devices ADGS5414 Datasheet HTML 22Page - Analog Devices ADGS5414 Datasheet HTML 23Page - Analog Devices ADGS5414 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
ADGS5414
Data Sheet
Rev. 0 | Page 20 of 30
Figure 36. Break-Before-Make Time Delay, tD
Figure 37. Switching Times
Figure 38. Charge Injection
VDD
VSS
VDD
VSS
0.1µF
0.1µF
GND
INPUT LOGIC
VS1
S1
D1
VOUT1
RL2
300Ω
CL2
35pF
RL1
300Ω
CL1
35pF
VS2
S2
D2
VOUT2
VOUT1
VOUT2
SCLK
50%
80%
80%
80%
80%
50%
0V
0V
0V
tD
tD
VDD
VSS
VDD
VSS
0.1µF
0.1µF
GND
RL
300Ω
CL
35pF
VS
INPUT LOGIC
Sx
Dx
VOUT
SCLK
VOUT
50%
50%
90%
10%
tON
tOFF
VDD
VSS
VDD
VSS
GND
INPUT LOGIC
CL
1nF
Sx
Dx
VOUT
RS
VS
SCLK
3V
VOUT
∆VOUT
QINJ = CL × ∆VOUT
SWITCH OFF
SWITCH ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com